Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAALSS0025TR Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAALSS0025TR
Description  High Dynamic Range Low Noise Amplifier 400 - 500 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAALSS0025TR Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAALSS0025TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAALSS0025TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAALSS0025TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAALSS0025TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
High Dynamic Range Low Noise Amplifier
400 - 500 MHz
Rev. V1
MAALSS0025
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Cross Section View
The PCB dielectric between RF traces and RF ground
layers should be chosen to reduce RF discontinuities
between 50-ohm lines and package pins.
M/A-COM
recommends an FR-4 dielectric thickness of 0.008” (0.20
mm) yielding a 50-ohm line width of 0.015” (0.38 mm).
The recommended RF metalization thickness is 1 ounce
copper.
SO-8
Recommended PCB Configuration


Similar Part No. - MAALSS0025TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0025TR MACOM-MAALSS0025TR Datasheet
226Kb / 4P
   High Dynamic Range Low Noise Amplifier, 400 - 500 MHz
More results

Similar Description - MAALSS0025TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0025 MACOM-MAALSS0025 Datasheet
226Kb / 4P
   High Dynamic Range Low Noise Amplifier, 400 - 500 MHz
MAAL-008624 MACOM-MAAL-008624 Datasheet
151Kb / 4P
   High Dynamic Range Low Noise Amplifier 400-500 MHz
logo
M/A-COM Technology Solu...
MAAL-008624 MA-COM-MAAL-008624 Datasheet
166Kb / 4P
   High Dynamic Range Low Noise Amplifier 400 - 500 MHz
logo
Tyco Electronics
AM50-0004 MACOM-AM50-0004 Datasheet
334Kb / 4P
   High Dynamic Range Low Noise Amplifier 1400-2000 MHz
MAAMSS0045 MACOM-MAAMSS0045 Datasheet
262Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
logo
M/A-COM Technology Solu...
AM50-0004 MA-COM-AM50-0004 Datasheet
147Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
logo
Tyco Electronics
MAAL-008091 MACOM-MAAL-008091 Datasheet
191Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AM50-0003 MA-COM-AM50-0003 Datasheet
211Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
Tyco Electronics
AM50-0003 MACOM-AM50-0003 Datasheet
318Kb / 4P
   High Dynamic Range Low Noise Amplifier 800-1000 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com