Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1937 Datasheet(PDF) 3 Page - Stanson Technology

Part # ST1937
Description  DC-DC Step-Up Converter for White LED Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST1937 Datasheet(HTML) 3 Page - Stanson Technology

  ST1937 Datasheet HTML 1Page - Stanson Technology ST1937 Datasheet HTML 2Page - Stanson Technology ST1937 Datasheet HTML 3Page - Stanson Technology ST1937 Datasheet HTML 4Page - Stanson Technology ST1937 Datasheet HTML 5Page - Stanson Technology ST1937 Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ST1937
DC-DC Step-Up Converter for White LED Driver
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
ST1937 2005. V1
BLOCK DIAGRAM
ABSOULTE MAXIMUM RATINGS (TA=25℃ unless otherwise specified)
Symbol
Parameter
Value
Unit
VIN
DC Supply Voltage
12
V
VSW
SW Voltage
36
V
VFB
FB Voltage
10
V
VSHDN
SHDN Voltage
10
V
TOPR
Operating Temperature
-40~85
TJ(Max)
Maximum Junction Temperature
125
TS
Storage Temperature
-65~150
The IC has a protection circuit against static electricity. Do not apply high static electricity or high voltage that
exceeds the performance of the protection circuit to the IC.


Similar Part No. - ST1937

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
ST1938 STANSON-ST1938 Datasheet
151Kb / 5P
   DC-DC Step-Up Converter for White LED Driver
ST1938S26RG STANSON-ST1938S26RG Datasheet
151Kb / 5P
   DC-DC Step-Up Converter for White LED Driver
More results

Similar Description - ST1937

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TB62731FUG MARKTECH-TB62731FUG Datasheet
273Kb / 17P
   Step-up DC-DC Converter for White LED Driver
logo
Toshiba Semiconductor
TB62731FUG TOSHIBA-TB62731FUG Datasheet
246Kb / 20P
   Step-up DC-DC Converter for White LED Driver
logo
Stanson Technology
ST1938 STANSON-ST1938 Datasheet
151Kb / 5P
   DC-DC Step-Up Converter for White LED Driver
logo
Toshiba Semiconductor
TB62732FUG TOSHIBA-TB62732FUG Datasheet
290Kb / 18P
   Step-up DC/DC Converter for White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
TS1520 TSC-TS1520 Datasheet
1,011Kb / 12P
   Step-Up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1518 YOBON-YB1518 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
   Step-up DC-DC Converter , White LED Driver
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
   Step-up DC-DC Converter , White LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com