Electronic Components Datasheet Search |
|
MAALSS0038TR-3000 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc. |
|
MAALSS0038TR-3000 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc. |
2 / 6 page • North America Tel: 800.366.2266 / Fax: 978.366.2266 • Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 • Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macomtech.com for additional data sheets and product information. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 2 Miniature Broadband Gain Stage 70 - 3000 MHz Rev. V1 MAALSS0038 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is considering for development. Performance is based on target specifications, simulated results, and/or prototype measurements. Commitment to develop is not guaranteed. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed. Electrical Specifications: Z0 = 50 Ω, TA = 25 °C Parameter Test Conditions Units +5 V Min. Typ. Max. Gain6 F = 0.9 GHz F = 1.9 GHz F = 3.0 GHz dB dB dB — 11.0 — 14.2 12.0 9.6 — 13.0 — Noise Figure7 F = 0.9 GHz F = 1.9 GHz F = 3.0 GHz dB dB dB — — — 1.5 1.5 1.6 — 2.0 — Input Return Loss F = 0.9 GHz F = 1.9 GHz F = 3.0 GHz dB dB dB — — — 9.4 13.2 14.7 — — — Output Return Loss F = 0.9 GHz F = 1.9 GHz F = 3.0 GHz dB dB dB — — — 9.7 15.5 33.0 — — — Output P1dB 200 – 3000 MHz dBm — 21 — Output IP3 200 – 3000 MHz dBm — 32 — Current — mA 50 87 100 6. Gain varies at -0.0025 dB/°C typical. 7. Noise figure varies at 0.007 dB/°C typical. Recommended PCB Configuration Component List 8, 200 - 3000 MHz Part Value Case Style Manufacturer Purpose C1 39 pF 0402 Murata Input DC Block C2 39 pF 0402 Murata Output DC Block C3 470 pF 0402 Murata RF Bypass L1 12 nH 0805 Coilcraft RF Choke/Tuning 8. See page 6 for IF application circuitry. Application Schematic |
Similar Part No. - MAALSS0038TR-3000 |
|
Similar Description - MAALSS0038TR-3000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |