Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST3414 Datasheet(PDF) 3 Page - Stanson Technology

Part # ST3414
Description  N Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST3414 Datasheet(HTML) 3 Page - Stanson Technology

  ST3414 Datasheet HTML 1Page - Stanson Technology ST3414 Datasheet HTML 2Page - Stanson Technology ST3414 Datasheet HTML 3Page - Stanson Technology ST3414 Datasheet HTML 4Page - Stanson Technology ST3414 Datasheet HTML 5Page - Stanson Technology ST3414 Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ST3414
N Channel Enhancement Mode MOSFET
4.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
ST3414 2006. V1
ELECTRICAL CHARACTERISTICS ( Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Condition
Min Typ Max Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V,ID=-250uA
20
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250uA
0.40
1.0
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±12V
±
100 nA
VDS=20V,VGS=0V
1
Zero Gate Voltage Drain
Current
IDSS
VDS=20V,VGS=0V
TJ=55℃
5
uA
On-State Drain Current
ID(on)
VDS5V,VGS=4.5V
6
A
Drain-source On-Resistance
RDS(on)
VGS=4.5V,ID=4.2A
VGS=2.5V,ID=3.4A
VGS=1.8V,ID=2.8A
0.040
0.055
0.075
Ω
Forward Transconductance
gfs
VDS=5V,ID=3.6V
10
S
Diode Forward Voltage
VSD
IS=1.6A,VGS=0V
0.8
1.2
V
Dynamic
Total Gate Charge
Qg
4.8
8
Gate-Source Charge
Qgs
1.0
Gate-Drain Charge
Qgd
VDS=10V
VGS=4.5V
ID=2.8A
1.0
nC
Input Capacitance
Ciss
485
Output Capacitance
Coss
85
Reverse Transfer
Capacitance
Crss
VDS=6V
VGS=0V
f=1MHz
40
pF
8
14
Turn-On Time
td(on)
tr
12
18
30
35
Turn-Off Time
td(off)
tf
VDD=6V
RL=6Ω
ID=1.0A
VGEN=4.5V
RG=6Ω
12
16
nS


Similar Part No. - ST3414

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
ST3414A STANSON-ST3414A Datasheet
667Kb / 6P
   N Channel Enhancement Mode MOSFET
logo
List of Unclassifed Man...
ST3414A_V1 ETC2-ST3414A_V1 Datasheet
667Kb / 6P
   N Channel Enhancement Mode MOSFET
More results

Similar Description - ST3414

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com