Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMF6704V Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FDMF6704V
Description  The Xtra Small, High Performance, High Frequency DrMOS Module with LDO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMF6704V Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FDMF6704V Datasheet HTML 5Page - Fairchild Semiconductor FDMF6704V Datasheet HTML 6Page - Fairchild Semiconductor FDMF6704V Datasheet HTML 7Page - Fairchild Semiconductor FDMF6704V Datasheet HTML 8Page - Fairchild Semiconductor FDMF6704V Datasheet HTML 9Page - Fairchild Semiconductor FDMF6704V Datasheet HTML 10Page - Fairchild Semiconductor FDMF6704V Datasheet HTML 11Page - Fairchild Semiconductor FDMF6704V Datasheet HTML 12Page - Fairchild Semiconductor FDMF6704V Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
www.fairchildsemi.com
FDMF6704V Rev. C
Power Loss and Efficiency
Measurement and Calculation
Refer to Figure 20 for power loss testing method. Power loss
calculation are as follows:
(a) PIN
= (VIN x IIN) + (VDRV x IVDRV) (W)
(b) PSW
= VSW x IOUT
(W)
(c) POUT
= VOUT x IOUT
(W)
(d) PLOSS_MODULE = PIN - PSW
(W)
(e) PLOSS_BOARD = PIN - POUT
(W)
(f) EFFMODULE
= 100 x PSW/PIN
(%)
(g) EFFBOARD
= 100 x POUT/PIN
(%)
PCB Layout Guideline
Figure 21 shows a proper layout example of FDMF6704V and
critical parts. All of high current flow path, such as VIN, VSWH,
VOUT and GND copper, should be short and wide for better and
stable current flow, heat radiation and system performance.
Following is a guideline which the PCB designer should
consider:
1. Input ceramic bypass capacitors must be close to VIN and
PGND pin of FDMF6704V to help reduce the input current ripple
component induced by switching operation.
2. The VSWH copper trace serves two purposes. In addition to
being the high frequency current path from the DrMOS package
to the output inductor, it also serves as heatsink for the lower
FET in the DrMOS package. The trace should be short and wide
enough to present a low impedance path for the high frequency,
high current flow between the DrMOS and inductor in order to
minimize losses and temperature rise. Please note that the
VSWH node is a high voltage and high frequency switching
node with high noise potential. Care should be taken to
minimize coupling to adjacent traces. Additionally, since this
copper trace also acts as heatsink for the lower FET, tradeoff
must be made to use the largest area possible to improve
DrMOS cooling while maintaining acceptable noise emission.
3. Output inductor location should be as close as possible to the
FDMF6704V to minimize lower power loss due to copper trace.
Care should be taken so that inductor dissipation does not heat
the DrMOS.
4. The PowerTrench® 5 MOSFETs used in the output stage are
very effective at minimizing ringing. In most cases, no snubber
will be required. If a snubber is used, it should be placed near
the FDMF6704V. The resistor and capacitor need to be of
proper size for the power dissipation.
5. Place ceramic bypass capacitor and BOOT capacitor as
close as possible to the VCIN and BOOT pins of the
FDMF6704V to ensure clean and stable power. Routing width
and length should be considered as well.
6. Include a trace from PHASE to VSWH in order to improve
noise margin. Keep the trace as short as possible.
7. The layout should include the option to insert a small value
series boot resistor between boot cap and BOOT pin. The boot
loop size, including RBOOT and CBOOT, should be as small as
possible. The boot resistor is normally not required, but is
effective at improving noise operating margin in multi phase
designs that may have noise issues due to ground bounce and
high negative VSWH ringing. The VIN and PGND pins handle
large current transients with frequency components above
100 MHz. If possible, these package pins should be connected
directly to the VIN and board GND planes. The use of thermal
relief traces in series with these pins is discouraged since this
will add inductance to the power path. This added inductance in
series with the PGND pin will degrade system noise immunity
by increasing negative VSWH ringing.
8. CGND pad and PGND pins should be connected by plane
GND copper with multiple vias for stable grounding. Poor
grounding can create a noise transient offset voltage level
between CGND and PGND. This could lead to fault operation of
gate driver and MOSFET.
9. Ringing at the BOOT pin is most effectively controlled by
close placement of the boot capacitor. Do not add an additional
BOOT to PGND capacitor. This may lead to excess current flow
through the BOOT diode.
10. SMOD#, DISB# and PWM pins don’t have internal pull up or
pull down resistors. They should not be left floating. These pins
should not have any noise filter caps.
11. Use multiple vias on each copper area to interconnect top,
inner and bottom layers to help smooth current flow and heat
conduction. Vias should be relatively large and of reasonable
inductance. Critical high frequency components such as RBOOT,
CBOOT, the RC snubber and bypass caps should be located
close to the DrMOS module and on the same side of the PCB
as the module. If not feasible, they should be connected from
the backside via a network of low inductance vias.
Figure 20. Power Loss Measurement Block Diagram
DISB#
PWM
CGND PGND
VCIN
VIN
BOOT
VSWH
DISB#
PWM Input
CVIN
CBOOT
COUT
CVDRV
VDRV
CVCIN
SMOD#
PHASE
A
VIN
IIN
A
VOUT
IOUT
V
VSW
SMOD#
A
IVDRV
LOUT
VDRV
RBOOT


Similar Part No. - FDMF6704V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDMF6704V ONSEMI-FDMF6704V Datasheet
955Kb / 15P
   The Xtra Small, High Performance, High Frequency DrMOS Module with LDO
Rev.C
More results

Similar Description - FDMF6704V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDMF6704V ONSEMI-FDMF6704V Datasheet
955Kb / 15P
   The Xtra Small, High Performance, High Frequency DrMOS Module with LDO
Rev.C
logo
Fairchild Semiconductor
FDMF6704A FAIRCHILD-FDMF6704A_09 Datasheet
721Kb / 14P
   The Xtra Small, High Performance, High Frequency DrMOS Module
FDMF6704 FAIRCHILD-FDMF6704 Datasheet
682Kb / 13P
   The Xtra Small High Performance, High Frequency DrMOS Module
logo
ON Semiconductor
FDMF6704A ONSEMI-FDMF6704A Datasheet
838Kb / 16P
   The Xtra Small, High Performance, High Frequency DrMOS Module
Rev. F
logo
Fairchild Semiconductor
FDMF6704 FAIRCHILD-FDMF6704_09 Datasheet
835Kb / 14P
   The Xtra Small, High Performance, High Frequency DrMOS Module
FDMF6704A FAIRCHILD-FDMF6704A Datasheet
678Kb / 12P
   The Xtra Small High Performance, High Frequency DrMOS Module
logo
ON Semiconductor
FDMF6704 ONSEMI-FDMF6704 Datasheet
952Kb / 16P
   The Xtra Small, High Performance, High Frequency DrMOS Module
Rev. G
logo
Fairchild Semiconductor
FDMF6821B FAIRCHILD-FDMF6821B Datasheet
1Mb / 19P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
logo
ON Semiconductor
FDMF6820A ONSEMI-FDMF6820A Datasheet
923Kb / 21P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
April 2013 Rev. 1.0.3
FDMF3030 ONSEMI-FDMF3030 Datasheet
1Mb / 21P
   Extra-Small, High-Performance, High-Frequency, DrMOS Module
September 2012 Rev. 1.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com