Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMS6681Z Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDMS6681Z
Description  P-Channel PowerTrench짰MOSFET -30 V, -49 A, 3.2 m��
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS6681Z Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDMS6681Z Datasheet HTML 1Page - Fairchild Semiconductor FDMS6681Z Datasheet HTML 2Page - Fairchild Semiconductor FDMS6681Z Datasheet HTML 3Page - Fairchild Semiconductor FDMS6681Z Datasheet HTML 4Page - Fairchild Semiconductor FDMS6681Z Datasheet HTML 5Page - Fairchild Semiconductor FDMS6681Z Datasheet HTML 6Page - Fairchild Semiconductor FDMS6681Z Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.fairchildsemi.com
3
©2009 Fairchild Semiconductor Corporation
FDMS6681Z Rev.C4
Typical Characteristics T
J = 25 °C unless otherwise noted
Figure 1.
0123
0
15
30
45
60
75
90
V
GS = -3 V
V
GS = -3.5 V
-V
DS
, DRAIN TO SOURCE VOLTAGE (V)
PULSE DURATION = 80 s
DUTY CYCLE = 0.5% MAX
V
GS = -4 V
V
GS = -10V
V
GS = -4.5 V
On Region Characteristics
Figure 2.
0
15
304560
7590
0
1
2
3
4
5
V
GS = -4.5 V
V
GS = -3.5 V
PULSE DURATION = 80 s
DUTY CYCLE = 0.5%MAX
-ID, DRAIN CURRENT (A)
V
GS = -4 V
V
GS = -3 V
V
GS =-10 V
Normalized On-Resistance
vs Drain Current and Gate Voltage
Figure 3. Normalized On Resistance
-75
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
ID = -22.1 A
VGS = -10 V
TJ, JUNCTION TEMPERATURE (
oC)
vs Junction Temperature
Figure 4.
246
8
10
0
3
6
9
12
TJ = 125 oC
ID = -22.1 A
TJ = 25 oC
-VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80 s
DUTY CYCLE = 0.5% MAX
On-Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
01
234
0
15
30
45
60
75
90
-VGS, GATE TO SOURCE VOLTAGE (V)
TJ = 150 oC
VDS = -5 V
PULSE DURATION = 80 s
DUTY CYCLE = 0.5% MAX
TJ = -55 oC
TJ = 25 oC
Figure 6.
0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
100
TJ = -55 oC
TJ = 25 oC
TJ = 150 oC
VGS = 0 V
-VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode
Forward Voltage vs Source Current


Similar Part No. - FDMS6681Z

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS6673BZ FAIRCHILD-FDMS6673BZ Datasheet
283Kb / 7P
   P-Channel PowerTrench짰 MOSFET -30 V, -28 A, 6.8 m?
More results

Similar Description - FDMS6681Z

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS8023S FAIRCHILD-FDMS8023S Datasheet
265Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 30 V, 49 A, 2.4 m廓
FDMS7658AS FAIRCHILD-FDMS7658AS Datasheet
476Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 30 V, 49 A, 1.9 m廓
logo
ON Semiconductor
NVTFS014P04M8L ONSEMI-NVTFS014P04M8L Datasheet
229Kb / 7P
   MOSFET ??Power, Single, P-Channel -40 V, 13.8 m, -49 A
May, 2020 ??Rev. 4
logo
Fairchild Semiconductor
FDMS7656AS FAIRCHILD-FDMS7656AS Datasheet
311Kb / 8P
   N-Channel PowerTrench짰 SyncFET??30 V, 49 A, 1.8 m廓
FDS6575 FAIRCHILD-FDS6575_01 Datasheet
68Kb / 5P
   P-Channel 2.5V Specified PowerTrench짰MOSFET
FDMS3008SDC FAIRCHILD-FDMS3008SDC Datasheet
348Kb / 9P
   N-Channel Dual CoolTM PowerTrench짰 SyncFETTM 30 V, 49 A, 2.6 m廓
logo
Renesas Technology Corp
UPA2739T1A RENESAS-UPA2739T1A Datasheet
149Kb / 7P
   P-channel MOSFET -30 V, -85 A, 2.8 m
UPA2737GR RENESAS-UPA2737GR Datasheet
198Kb / 8P
   P-channel MOSFET -30 V, -11 A, 13 m
UPA2815T1S RENESAS-UPA2815T1S Datasheet
189Kb / 7P
   P-channel MOSFET-30 V, ??1 A, 11 m
UPA2735GR RENESAS-UPA2735GR Datasheet
188Kb / 8P
   P-channel MOSFET -30 V, -16 A, 5.0 m
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com