Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMS7670AS Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDMS7670AS
Description  N-Channel PowerTrench짰 SyncFET 30 V, 42 A, 3 m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS7670AS Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDMS7670AS Datasheet HTML 1Page - Fairchild Semiconductor FDMS7670AS Datasheet HTML 2Page - Fairchild Semiconductor FDMS7670AS Datasheet HTML 3Page - Fairchild Semiconductor FDMS7670AS Datasheet HTML 4Page - Fairchild Semiconductor FDMS7670AS Datasheet HTML 5Page - Fairchild Semiconductor FDMS7670AS Datasheet HTML 6Page - Fairchild Semiconductor FDMS7670AS Datasheet HTML 7Page - Fairchild Semiconductor FDMS7670AS Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FDMS7670AS Rev.C
www.fairchildsemi.com
3
Typical Characteristics T
J = 25 °C unless otherwise noted
Figure 1.
0.0
0.5
1.0
1.5
2.0
0
30
60
90
120
150
VGS = 3.5 V
VGS = 4.5 V
PULSE DURATION = 80 µs
DUTY CYCLE = 0.5% MAX
VGS = 4 V
VGS = 3 V
VGS = 10 V
V
DS, DRAIN TO SOURCE VOLTAGE (V)
On-Region Characteristics
Figure2.
030
60
90
120
150
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VGS = 3.5 V
PULSE DURATION = 80 µs
DUTY CYCLE = 0.5% MAX
ID, DRAIN CURRENT (A)
VGS = 4 V
VGS = 4.5 V
VGS = 3 V
VGS = 10 V
NormalizedOn-Resistance
vs Drain Current and Gate Voltage
Figure3. Normalized On- Resistance
-75
-50
-25
0
25
50
75
100 125 150
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
ID = 21 A
VGS = 10 V
TJ, JUNCTION TEMPERATURE (oC)
vs Junction Temperature
Figure 4.
24
68
10
0
2
4
6
8
10
ID = 21 A
TJ = 25 oC
TJ = 125 oC
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80 µs
DUTY CYCLE = 0.5% MAX
On-Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
30
60
90
120
150
VDS = 5 V
PULSE DURATION = 80 µs
DUTY CYCLE = 0.5% MAX
TJ = -55 oC
TJ = 25 oC
TJ = 125 oC
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
100
200
TJ = -55 oC
TJ = 25 oC
TJ = 125 oC
VGS = 0 V
VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode
Forward Voltage vs Source Current


Similar Part No. - FDMS7670AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS7670 FAIRCHILD-FDMS7670 Datasheet
324Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 3.8 m廓
FDMS7670 FAIRCHILD-FDMS7670_12 Datasheet
274Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 3.8 m廓
More results

Similar Description - FDMS7670AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS7672AS FAIRCHILD-FDMS7672AS Datasheet
488Kb / 8P
   N-Channel PowerTrench짰 SyncFET 30 V, 42 A, 4 m廓
FDMS7660AS FAIRCHILD-FDMS7660AS Datasheet
483Kb / 8P
   N-Channel PowerTrench짰 SyncFET 30 V, 42 A, 2.4 m廓
FDMS7656AS FAIRCHILD-FDMS7656AS Datasheet
311Kb / 8P
   N-Channel PowerTrench짰 SyncFET??30 V, 49 A, 1.8 m廓
FDMS8020 FAIRCHILD-FDMS8020 Datasheet
263Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 42 A, 2.5 m廓
FDMS0308CS FAIRCHILD-FDMS0308CS Datasheet
204Kb / 8P
   FDMS0308CS N-Channel PowerTrench짰 SyncFETTM 30 V, 42 A, 3 m
FDD8647L FAIRCHILD-FDD8647L Datasheet
317Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40 V, 42 A, 9 m廓
FDMS86520 FAIRCHILD-FDMS86520 Datasheet
258Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 42 A, 7.4 m廓
FDMS86300 FAIRCHILD-FDMS86300 Datasheet
261Kb / 7P
   N-Channel PowerTrench짰 MOSFET 80 V, 42 A, 3.9 m廓
FDML7610S FAIRCHILD-FDML7610S Datasheet
476Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 28 A, 4.2 m廓
FDMS7600AS FAIRCHILD-FDMS7600AS Datasheet
470Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.8 m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com