Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP030N06 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDP030N06
Description  N-Channel PowerTrench짰 MOSFET 60V, 193A, 3.2m?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP030N06 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDP030N06 Datasheet HTML 1Page - Fairchild Semiconductor FDP030N06 Datasheet HTML 2Page - Fairchild Semiconductor FDP030N06 Datasheet HTML 3Page - Fairchild Semiconductor FDP030N06 Datasheet HTML 4Page - Fairchild Semiconductor FDP030N06 Datasheet HTML 5Page - Fairchild Semiconductor FDP030N06 Datasheet HTML 6Page - Fairchild Semiconductor FDP030N06 Datasheet HTML 7Page - Fairchild Semiconductor FDP030N06 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
June 2009
©2009 Fairchild Semiconductor Corporation
FDP030N06 Rev. A
www.fairchildsemi.com
1
FDP030N06
N-Channel PowerTrench® MOSFET
60V, 193A, 3.2m
Features
• RDS(on) = 2.6mΩ ( Typ.)@ VGS = 10V, ID = 75A
• Fast Switching Speed
• Low Gate Charge
• High Performance Trench Technology for Extremely Low
RDS(on)
• High Power and Current Handling Capability
• RoHS Compliant
Description
This N-Channel MOSFET is produced using Fairchild Semicon-
ductor’s advanced PowerTrench process that has been espe-
cially tailored to minimize the on-state resistance and yet
maintain superior switching performance.
Application
• DC to DC Convertors / Synchronous Rectification
TO-220
G
S
D
D
G
S
MOSFET Maximum Ratings T
C = 25
oC unless otherwise noted
Thermal Characteristics
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
60
V
VGSS
Gate to Source Voltage
±20
V
ID
Drain Current
-Continuous (TC = 25
oC, Silicon Limited)
193*
A
-Continuous (TC = 100
oC, Silicon Limited)
136*
-Continuous (TC = 25
oC, Package Limited)
120
IDM
Drain Current
- Pulsed
(Note 1)
772
A
EAS
Single Pulsed Avalanche Energy
(Note 2)
1434
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
6
V/ns
PD
Power Dissipation
(TC = 25
oC)
231
W
- Derate above 25oC
1.54
W/oC
TJ, TSTG
Operating and Storage Temperature Range
-55 to +175
oC
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
oC
Symbol
Parameter
Ratings
Units
RθJC
Thermal Resistance, Junction to Case
0.65
oC/W
RθJA
Thermal Resistance, Junction to Ambient
62.5
*Calculated continuous current based on maximum allowable junction temperature. Package limitation current is 120A.


Similar Part No. - FDP030N06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDP030N06 ISC-FDP030N06 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDP030N06B FAIRCHILD-FDP030N06B Datasheet
748Kb / 9P
   N-Channel PowerTrench짰 MOSFET 60V, 195A, 3.1m
More results

Similar Description - FDP030N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB029N06 FAIRCHILD-FDB029N06 Datasheet
511Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 193A, 3.1mW
FDI030N06 FAIRCHILD-FDI030N06 Datasheet
500Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 193A, 3.2mW
FDA032N08 FAIRCHILD-FDA032N08 Datasheet
552Kb / 8P
   N-Channel PowerTrench짰 MOSFET 75V, 235A, 3.2m廓
FDP032N08 FAIRCHILD-FDP032N08_12 Datasheet
283Kb / 8P
   N-Channel PowerTrench짰 MOSFET 75V, 235A, 3.2m廓
FDP032N08 FAIRCHILD-FDP032N08 Datasheet
624Kb / 8P
   N-Channel PowerTrench짰 MOSFET 75V, 235A, 3.2m廓
FDD5670 FAIRCHILD-FDD5670_11 Datasheet
144Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
FDD5690 FAIRCHILD-FDD5690_02 Datasheet
167Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
FDC5612 FAIRCHILD-FDC5612_04 Datasheet
79Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
FDB20AN06A0 FAIRCHILD-FDB20AN06A0 Datasheet
609Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 45A, 20m?
FDMS030N06B FAIRCHILD-FDMS030N06B Datasheet
243Kb / 10P
   N-Channel PowerTrench짰 MOSFET 60V, 100A, 3m?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com