Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP040N06 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDP040N06
Description  N-Channel PowerTrench짰 MOSFET 60V, 168A, 4.0m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP040N06 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDP040N06 Datasheet HTML 1Page - Fairchild Semiconductor FDP040N06 Datasheet HTML 2Page - Fairchild Semiconductor FDP040N06 Datasheet HTML 3Page - Fairchild Semiconductor FDP040N06 Datasheet HTML 4Page - Fairchild Semiconductor FDP040N06 Datasheet HTML 5Page - Fairchild Semiconductor FDP040N06 Datasheet HTML 6Page - Fairchild Semiconductor FDP040N06 Datasheet HTML 7Page - Fairchild Semiconductor FDP040N06 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FDP040N06 Rev. A
www.fairchildsemi.com
5
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms


Similar Part No. - FDP040N06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDP040N06 ISC-FDP040N06 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDP040N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDI040N06 FAIRCHILD-FDI040N06 Datasheet
521Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 168A, 4.0mW
FDB039N06 FAIRCHILD-FDB039N06_12 Datasheet
271Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 174A, 3.9m廓
FDB035AN06_F085 FAIRCHILD-FDB035AN06_F085 Datasheet
287Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.5m廓
FDP025N06 FAIRCHILD-FDP025N06 Datasheet
600Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 265A, 2.5m廓
FDB024N06 FAIRCHILD-FDB024N06 Datasheet
619Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 265A, 2.4m廓
FDI025N06 FAIRCHILD-FDI025N06 Datasheet
540Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 265A, 2.5m廓
FDI038AN06A0 FAIRCHILD-FDI038AN06A0_10 Datasheet
338Kb / 10P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.8m廓
FDD26AN06A0 FAIRCHILD-FDD26AN06A0_11 Datasheet
876Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 36A, 26m廓
FDD13AN06A0 FAIRCHILD-FDD13AN06A0_10 Datasheet
210Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 13.5m廓
FDD14AN06L_F085 FAIRCHILD-FDD14AN06L_F085_10 Datasheet
378Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 14.6m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com