Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP120N10 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDP120N10
Description  N-Channel PowerTrench짰 MOSFET 100V, 74A, 12m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP120N10 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDP120N10 Datasheet HTML 1Page - Fairchild Semiconductor FDP120N10 Datasheet HTML 2Page - Fairchild Semiconductor FDP120N10 Datasheet HTML 3Page - Fairchild Semiconductor FDP120N10 Datasheet HTML 4Page - Fairchild Semiconductor FDP120N10 Datasheet HTML 5Page - Fairchild Semiconductor FDP120N10 Datasheet HTML 6Page - Fairchild Semiconductor FDP120N10 Datasheet HTML 7Page - Fairchild Semiconductor FDP120N10 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FDP120N10 Rev. A
www.fairchildsemi.com
6
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DU T
V DS
+
_
Dr i v e r
R G
S a m e T y pe
as D U T
V GS
• d v / d t c o nt r o l led by R
G
•I
SD c ont r o l l ed b y pul s e per i o d
V DD
L
I SD
10 V
V GS
( D r i v e r )
I SD
( D U T )
V DS
( DUT )
V DD
B o dy D iod e
Fo r w a r d V o l t a g e D r o p
V SD
I
FM , B o d y D i ode F o r w ar d C u r r e n t
B ody D i o de R e v e r s e C u r r e n t
I RM
B o d y D iode R e c o v e r y d v / d t
di/ d t
D =
G a t e P u ls e W i dt h
G a t e Pu l s e Pe r i o d
--- ---------- ---------- ---
DU T
V DS
+
_
Dr i v e r
R G
S a m e T y pe
as D U T
V GS
• d v / d t c o nt r o l led by R
G
•I
SD c ont r o l l ed b y pul s e per i o d
V DD
LL
I SD
10 V
V GS
( D r i v e r )
I SD
( D U T )
V DS
( DUT )
V DD
B o dy D iod e
Fo r w a r d V o l t a g e D r o p
V SD
I
FM , B o d y D i ode F o r w ar d C u r r e n t
B ody D i o de R e v e r s e C u r r e n t
I RM
B o d y D iode R e c o v e r y d v / d t
di/ d t
D =
G a t e P u ls e W i dt h
G a t e Pu l s e Pe r i o d
--- ---------- ---------- ---
D =
G a t e P u ls e W i dt h
G a t e Pu l s e Pe r i o d
--- ---------- ---------- ---


Similar Part No. - FDP120N10

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDP120N10 ISC-FDP120N10 Datasheet
328Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDP120N10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB120N10 FAIRCHILD-FDB120N10 Datasheet
508Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 74A, 12m廓
FDB3652 FAIRCHILD-FDB3652_08 Datasheet
476Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 61A, 16m廓
FDP054N10 FAIRCHILD-FDP054N10_12 Datasheet
290Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 144A, 5.5m廓
FDP085N10A FAIRCHILD-FDP085N10A Datasheet
325Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100V, 96A, 8.5m廓
FDP150N10 FAIRCHILD-FDP150N10 Datasheet
511Kb / 8P
   N-Channel PowerTrench짰 MOSFET100V, 57A, 15m廓
FDP090N10 FAIRCHILD-FDP090N10 Datasheet
508Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 75A, 9m廓
FDM3622 FAIRCHILD-FDM3622_12 Datasheet
379Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100V, 4.4A, 60m廓
FDP100N10 FAIRCHILD-FDP100N10_12 Datasheet
417Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 75A, 10m廓
FDB3652_F085 FAIRCHILD-FDB3652_F085 Datasheet
476Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 61A, 16m廓
FDB3672_F085 FAIRCHILD-FDB3672_F085 Datasheet
506Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 44A, 28m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com