Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP8N60ZU Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDP8N60ZU
Description  N-Channel MOSFET, FRFET 600V, 6.5A, 1.35廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP8N60ZU Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDP8N60ZU Datasheet HTML 1Page - Fairchild Semiconductor FDP8N60ZU Datasheet HTML 2Page - Fairchild Semiconductor FDP8N60ZU Datasheet HTML 3Page - Fairchild Semiconductor FDP8N60ZU Datasheet HTML 4Page - Fairchild Semiconductor FDP8N60ZU Datasheet HTML 5Page - Fairchild Semiconductor FDP8N60ZU Datasheet HTML 6Page - Fairchild Semiconductor FDP8N60ZU Datasheet HTML 7Page - Fairchild Semiconductor FDP8N60ZU Datasheet HTML 8Page - Fairchild Semiconductor FDP8N60ZU Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FDP8N60ZU / FDPF8N60ZUT Rev. A
www.fairchildsemi.com
4
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. Maximum Safe Operating Area
vs. Temperature
- FDPF8N60ZUT
Figure 9. Maximum Drain Current
vs. Case Temperature
Figure 10. Transient Thermal Response Curve - FDPF8N60ZUT
-100
-50
0
50
100
150
200
0.88
0.92
0.96
1.00
1.04
1.08
1.12
1.16
*Notes:
1. VGS = 0V
2. ID = 250μA
TJ, Junction Temperature [
o
C]
1
10
100
1000
0.01
0.1
1
10
50
20μs
100μs
1ms
10ms
VDS, Drain-Source Voltage [V]
Operation in This Area
is Limited by R DS(on)
*Notes:
1. TC = 25
o
C
2. TJ = 150
o
C
3. Single Pulse
DC
25
50
75
100
125
150
0
2
4
6
8
TC, Case Temperature [
o
C]
Limited by package
10
-5
10
-4
10
-3
10
-2
10
-1
110
10
2
0.01
0.1
1
5
0.01
0.1
0.2
0.05
0.02
*Notes:
1. ZθJC(t) = 3.6
o
C/W Max.
2. Duty Factor, D= t1/t2
3. TJM - TC = PDM * ZθJC(t)
0.5
Single pulse
Rectangular Pulse Duration [sec]
0.005
t1
PDM
t2


Similar Part No. - FDP8N60ZU

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDP8N60ZU ISC-FDP8N60ZU Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDP8N60ZU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF6N60ZUT FAIRCHILD-FDPF6N60ZUT_12 Datasheet
291Kb / 9P
   N-Channel MOSFET, FRFET 600V, 4.5A, 2廓
FDPF10N60ZUT FAIRCHILD-FDPF10N60ZUT_12 Datasheet
325Kb / 9P
   N-Channel MOSFET, FRFET 600V, 9A, 0.8廓
FDP6N60ZU FAIRCHILD-FDP6N60ZU Datasheet
531Kb / 9P
   N-Channel MOSFET, FRFET 600V, 4.5A, 2廓
FDP10N60ZU FAIRCHILD-FDP10N60ZU Datasheet
559Kb / 9P
   N-Channel MOSFET, FRFET 600V, 9A, 0.8廓
FCA47N60F FAIRCHILD-FCA47N60F Datasheet
196Kb / 8P
   600V N-Channel MOSFET, FRFET
FCH76N60NF FAIRCHILD-FCH76N60NF Datasheet
539Kb / 8P
   600V N-Channel MOSFET, FRFET
FCH041N60F FAIRCHILD-FCH041N60F Datasheet
339Kb / 9P
   600V N-Channel MOSFET, FRFET
FDPF7N60NZ FAIRCHILD-FDPF7N60NZ Datasheet
285Kb / 10P
   N-Channel MOSFET 600V, 6.5A, 1.25?
FCA20N60F FAIRCHILD-FCA20N60F Datasheet
930Kb / 8P
   600V N-CHANNEL FRFET
FCB20N60F FAIRCHILD-FCB20N60F Datasheet
862Kb / 8P
   600V N-CHANNEL FRFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com