Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB110 Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # SMB110
Description  Five Channel Programmable DC-DC System Power Manager
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB110 Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SMB110 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
SMB110
Preliminary Information
© SUMMIT Microelectronics, Inc. 2005
1717 Fox Drive • San Jose CA 95131 •
Phone 408 436-9890 • FAX 408 436-9897
http://www.summitmicro.com/
2099 2.3
5/3/2005
1
Five Channel Programmable DC-DC System Power Manager
INTRODUCTION
Digital programming of all major parameters via I2C
interface and non-volatile memory
o Output voltage set point
o Output power-up/down sequencing
o Input/Battery voltage monitoring
o Digital soft-start and output slew rate
o Output voltage margining
o UV/OV monitoring of all outputs
o Enable/Disable outputs independently
Five output channels
o Two synchronous step-down (buck) channels
o One step-up (boost) channel
o One inverting (buck-boost) channel
o One fixed output +3.3V LDO
User friendly Graphical User Interface (GUI)
+2.7V to +6.0V Input Range
Highly accurate reference and output voltage (<0.5%)
with Active DC Output Control (ADOC™) technology
Undervoltage Lockout (UVLO) with hysteresis
800 kHz operating frequency
96 bytes of user configurable nonvolatile memory
Applications
Digital camcorders/still cameras
Portable DVD/MP3/GPS
Camera/smart phones
TFT Displays/Monitors/TV’s
Mobile Computing/PDA’s
Consumer battery-operated equipment
The SMB110 is a highly integrated and flexible five-channel
power manager designed for use in a wide range of portable
applications. The built-in digital programmability allows system
designers to custom tailor the device to suit almost any multi-
channel power supply application from digital camcorders to
mobile phones. Complete with a user friendly GUI, all
programmable
settings
including
output
voltages
and
input/output voltage monitoring can be customized with ease.
The SMB110 integrates all the essential blocks required to
implement a complete five-channel power subsystem including
two synchronous step-down “buck” controllers, one step-up
“boost” controller, one inverting “buck-boost” controller and one
fixed output +3.3V LDO.
Additionally sophisticated power
control/monitoring functions required by complex systems are
built-in. These include digitally programmable output voltage
set
point,
power-up/down
sequencing,
enable/disable,
margining and UV/OV/input/output monitoring on all channels.
The integration of features and built-in flexibility of the SMB110
allows the system designer to create a “platform solution” that
can be easily modified via software without major hardware
changes.
Combined with the re-programmability of the
SMB110 this facilitates rapid design cycles and proliferation
from a base design to future generations of product.
The SMB110 is suited to battery-powered applications with an
input range of +2.7V to +6.0V. Output voltages are extremely
accurate (<0.5%) employing proprietary ADOC™ technology.
Communication is via the industry standard I
2C bus. All user-
programmed settings are stored in non-volatile EEPROM of
which 96 bytes may be used for general-purpose memory
applications. The operating temperature range is +0C to +70C
and the available package is a lead-free, Green, RoHS
compliant, 32-pad QFN-32.
SIMPLIFIED APPLICATIONS DRAWING
FEATURES & APPLICATIONS
Figure 1 – Applications diagram featuring the SMB110 five-channel, programmable DC-DC controller
Note: This is an applications example only. Some pins, components and values are not shown.
SMB110
-0.8V to -30V (Prog.) @UP TO1A
Vin to +30V (Prog.) @ UP TO 1A
+2.7V to +6.0V
or
Li-Ion
CPU Core
TFT/LCD
CCD
MCU/RTC
I2C/SMBus
LDO
2 Step-
Down
(Buck)
Channels
Inverter
Channel
System
Control and
Monitoring
Reset Output
Power Good
Reset Input
+0.8V to 0.9 x Vin (Prog.) @ 2A
Memory, I/O
Step-Up
(Boost)
Channels
+0.8V to 0.9 x Vin (Prog.) @ 2A
+3.3V @20mA
Step-Up
(Boost)
Channels


Similar Part No. - SMB110

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMB110 LITEON-SMB110 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB110 MIC-SMB110 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Lite-On Technology Corp...
SMB110A LITEON-SMB110A Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB110A MIC-SMB110A Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Lite-On Technology Corp...
SMB110C LITEON-SMB110C Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SMB110

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMB111 SUMMIT-SMB111 Datasheet
128Kb / 1P
   Four Channel Programmable DC-DC System Power Manager
SMB113 SUMMIT-SMB113 Datasheet
128Kb / 1P
   Four Channel Programmable DC-DC System Power Manager
SMB120 SUMMIT-SMB120 Datasheet
130Kb / 1P
   Nine-Channel DC/DC Digitally Programmable System Power Manager
SMB119 SUMMIT-SMB119 Datasheet
558Kb / 34P
   Seven-Channel Programmable DC-DC Power Manager
SMB122 SUMMIT-SMB122 Datasheet
143Kb / 1P
   Nine-Channel Programmable DC-DC Power Manager with Battery Charger
SMB118 SUMMIT-SMB118 Datasheet
132Kb / 1P
   Seven-Channel Programmable DC-DC Power Manager with Battery Charger
SMB113A SUMMIT-SMB113A_10 Datasheet
481Kb / 32P
   High-power, Four-channel Programmable DC-DC System Power Managers
SMB214A SUMMIT-SMB214A Datasheet
542Kb / 26P
   High-power, Three-channel Programmable DC-DC System Power Managers
SMB113A SUMMIT-SMB113A Datasheet
719Kb / 32P
   High-power, Four-channel Programmable DC-DC System Power Managers
SMB214A SUMMIT-SMB214A_10 Datasheet
309Kb / 27P
   High-power, Three-channel Programmable DC-DC System Power Managers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com