Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB139 Datasheet(PDF) 6 Page - Summit Microelectronics, Inc.

Part # SMB139
Description  Programmable Linear Battery Charger in 1.3 x 2.1 uCSP
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB139 Datasheet(HTML) 6 Page - Summit Microelectronics, Inc.

Back Button SMB139 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMB139 Datasheet HTML 10Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
SMB139
Summit Microelectronics, Inc
2121 3.0 6/19/2008
6
DC OPERATING CHARACTERISTICS (CONTINUED)
TA= -30°C to +85°C, VIN = +5.0V, VFLOAT = +4.2V unless otherwise noted. All voltages are relative to GND.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Logic Inputs/Output
VIL
Input Low Level
600
mV
VIH
Input High Level
1.4
V
VOL
SDA/STAT Output Low Level
ISINK=3mA
300
mV
IBIAS
Enable/CHGSET Input bias
current
1
µA
ISINK
STAT sink current
5
mA
Battery Charger
VTRICKLECHG
Trickle-charge to pre-charge
voltage threshold
2.0
V
ITRICKLECHG
Nominal trickle-charge
current
3
mA
VPRECHG
Pre-charge to fast-charge
voltage threshold
100mV steps
2.400
3.100
V
IPRECHG
Nominal pre-charge current
16 steps
23
90
mA
∆IPRECHG
Pre-charge current tolerance
IPRECHG=45mA,
T=0
oC to +70oC
25
45
65
mA
ICHG
Nominal Fast charge current
16 steps
33
212
mA
∆ICHG
Fast charge current tolerance
ICHG=212mA, T=0
oC to +70oC
185
212
237
mA
VFLT
Float voltage range
20mV steps
4.020
4.400
V
∆VFLT
Float voltage tolerance
T=+10
oC to +50oC,
VFLT = 4.2V
-1
+1
%
VDO
Dropout voltage
ICHG=100mA
55
mV
ITERM
Charge termination current
16 steps
10
89
mA
∆ITERM
Termination current tolerance
ITERM=10mA, T=0
oC to +70oC
4
10
16
mA
VRECH
Recharge threshold voltage
125
mV
ITHERM
Thermistor current
3 settings
10
100
µA
∆ITHERM
Thermistor current tolerance
ITHERM=100µA, T=0
oC to
+70
oC
90
100
110
µA
THI
Charge cutoff temp (high)
Adjustable, conditions per
typical application
30
65
oC
TLO
Charge cutoff temp (low)
Adjustable, conditions per
typical application
-20
15
oC
Note 1: Voltage and current accuracies are only guaranteed for factory-programmed settings. Changing the output voltage from that reflected in the
customer specific CSIR code will result in inaccuracies exceeding those specified above.
Note 2: The SMB139 device is not intended to function as a battery pack protector. Battery packs used in conjunction with this device need to provide
adequate internal protection and to comply with the corresponding battery pack specifications.


Similar Part No. - SMB139

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMB13 LITEON-SMB13 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB13 MIC-SMB13 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMB13 LUGUANG-SMB13 Datasheet
164Kb / 4P
   600Watts Surface Mount Transient Voltage Suppressor
logo
Lite-On Technology Corp...
SMB130 LITEON-SMB130 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB130 MIC-SMB130 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMB139

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMB239 SUMMIT-SMB239 Datasheet
476Kb / 30P
   Programmable Linear Battery Charger in 1.3 x 2.1 uCSP
logo
Analog Devices
ADP5061 AD-ADP5061 Datasheet
658Kb / 44P
   Tiny I2C Programmable Linear Battery Charger
REV. 0
logo
Maxim Integrated Produc...
MAX8856 MAXIM-MAX8856 Datasheet
156Kb / 13P
    Linear Battery Charger
Rev 0; 9/08
logo
Linear Technology
LTC1734 LINER-LTC1734_15 Datasheet
193Kb / 12P
   Lithium-Ion Linear Battery Charger in ThinSOT
LTC1734L LINER-LTC1734L_15 Datasheet
194Kb / 12P
   Lithium-Ion Linear Battery Charger in ThinSOT
LTC1734 LINER-LTC1734 Datasheet
188Kb / 12P
   Lithium-Ion Linear Battery Charger in ThinSOT
LTC1734L LINER-LTC1734L Datasheet
184Kb / 12P
   Lithium-Ion Linear Battery Charger in ThinSOT
LTC4068-4.2 LINER-LTC4068-4.2 Datasheet
143Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Programmable Termination
LTC4068X-4.2 LINER-LTC4068X-4.2_15 Datasheet
149Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Programmable Termination
logo
Feeling Technology Corp...
FP8103 FEELING-FP8103 Datasheet
664Kb / 19P
   1A Linear Li-Ion Battery Charger in SOP8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com