Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB239 Datasheet(PDF) 11 Page - Summit Microelectronics, Inc.

Part # SMB239
Description  Programmable Linear Battery Charger in 1.3 x 2.1 uCSP
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB239 Datasheet(HTML) 11 Page - Summit Microelectronics, Inc.

Back Button SMB239 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMB239 Datasheet HTML 15Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
SMB239
Summit Microelectronics, Inc
2129 3.0 2/23/2009
11
APPLICATIONS INFORMATION
DEVICE OPERATION
The SMB239 is a fully programmable battery charger
for single-cell Li-Ion and Li-Polymer battery packs. The
device’s simple, linear-mode operation and ultra-small
package significantly reduce component count and
required board space. The SMB239 provides four main
charging phases: trickle-charge, pre-conditioning (pre-
charge), constant (fast-charge) current and constant
voltage. The overall system accuracy of the SMB239 is
1%, allowing for a higher capacity utilization versus
other conventional solutions.
The main battery
charging parameters are programmable, allowing for
high design flexibility and sophisticated battery
management. Furthermore, the SMB239 offers many
advanced protection features, allowing applications to
meet strict safety standards without the need for
additional cost and components.
Power Supply
The SMB239 can be powered from an input voltage
between +4.35 and +6.5 Volts applied between the IN
pin and ground. The voltage on the IN pin is monitored
by an Under-Voltage (UVLO) circuit, which prevents the
charger from turning on when the voltage at this node is
less than the UVLO threshold (+3.5V). The IN pin also
supplies an internal +2.5V VDD regulator, which is used
as an internal VDD supply. When the input supply is
removed, the SMB239 enters a low-power shutdown
mode, exhibiting a very low discharge leakage current
(2µA), thereby extending battery life.
Pre-qualification Mode
When an external wall adaptor or another type of power
source is connected, the SMB239 performs a series of
pre-qualification tests before initiating the first charge
cycle. The input voltage level needs to be higher than
the UVLO threshold, and 130mV greater than the
battery voltage; and the appropriate I2C command
(enable/disable) needs to be asserted. The pre-
qualification parameters are continuously monitored
and charge cycle is suspended when one of them is
outside the limits.
A device option exists (controlled by register 08h[5]) for
preventing charging initiation upon power cycling
unless the battery voltage is 200mV, 390mV or 550mV
(VCH) below the float voltage level. This prevents over-
stressing of the battery via continuous charging cycles
in systems with short run times and frequent power
cycling (IN power connect/disconnect).
Trickle-charge Mode
Once all pre-qualification conditions are met, the device
checks the battery voltage to decide if trickle-charging
is required. If the battery voltage is below approximately
2.0V, a charging current of 10mA (typical) is applied on
the battery cell. This allows the SMB239 to reset the
protection circuit in the battery pack and bring the
battery voltage to a higher level without compromising
safety.
Pre-charge Mode
Once the battery voltage crosses the 2.0V level, the
SMB239 pre-charges the battery to safely charge the
deeply discharged cells (Figure 3).
The pre-charge
(pre-conditioning) current is programmable from 25mA
to 212.5mA (Register 00h). The SMB239 remains in
this mode until the battery voltage reaches the pre-
charge to fast-charge voltage threshold (programmable
from +2.4V to +3.1V in 100mV steps). If the pre-charge
to fast-charge voltage threshold is not exceeded before
the pre-charge timer expires, the charge cycle is
terminated and a corresponding timeout fault signal is
asserted (“Pre-charge Timeout” in register 36h).
Constant Current Mode
When the battery voltage exceeds the pre-charge to
fast-charge voltage threshold, the device enters the
constant current (fast charge) mode. During this mode,
the fast charge current level is set by the corresponding
register. The fast charge current is programmable from
47.5mA to 525mA (Register 00h).
Constant Voltage Mode
When the battery voltage reaches the pre-defined float
voltage, the fast-charge current starts diminishing. The
float voltage is programmable from +4.020V to +4.40V
in 20mV steps and is
±1% accurate over the +10°C to
+50
°C temperature range. The higher float voltage
settings of the SMB239 enable the charging of modern
battery packs with a required float voltage of 4.3V, and
4.4V. Furthermore, the ability to dynamically adjust the
float voltage allows the implementation of sophisticated
battery charging and control algorithms.
Charge Completion
The charge cycle is considered complete when the
charge current reaches the programmed termination
current
threshold.
The
termination
current
is
programmable from 25mA to 250mA (Register 01h). If
the termination current threshold is not met before the
fast-charge timer expires, the charge cycle is
terminated and a corresponding timeout fault signal is
asserted (“Fast-charge Timeout” in register 36h).


Similar Part No. - SMB239

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
SMB230 FCI-SMB230 Datasheet
114Kb / 2P
   2.0 Amp SCHOTTKY BARRIER RECTIFIERS Mechanical Dimensions
logo
Shanghai Leiditech Elec...
SMB230 LEIDITECH-SMB230 Datasheet
106Kb / 1P
   Ceramic Gas Discharge Tube
logo
Rectron Semiconductor
SMB2300C RECTRON-SMB2300C Datasheet
338Kb / 4P
   SIDACTOR
More results

Similar Description - SMB239

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMB139 SUMMIT-SMB139 Datasheet
398Kb / 27P
   Programmable Linear Battery Charger in 1.3 x 2.1 uCSP
logo
Analog Devices
ADP5061 AD-ADP5061 Datasheet
658Kb / 44P
   Tiny I2C Programmable Linear Battery Charger
REV. 0
logo
Maxim Integrated Produc...
MAX8856 MAXIM-MAX8856 Datasheet
156Kb / 13P
    Linear Battery Charger
Rev 0; 9/08
logo
Linear Technology
LTC1734 LINER-LTC1734_15 Datasheet
193Kb / 12P
   Lithium-Ion Linear Battery Charger in ThinSOT
LTC1734L LINER-LTC1734L_15 Datasheet
194Kb / 12P
   Lithium-Ion Linear Battery Charger in ThinSOT
LTC1734 LINER-LTC1734 Datasheet
188Kb / 12P
   Lithium-Ion Linear Battery Charger in ThinSOT
LTC1734L LINER-LTC1734L Datasheet
184Kb / 12P
   Lithium-Ion Linear Battery Charger in ThinSOT
LTC4068-4.2 LINER-LTC4068-4.2 Datasheet
143Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Programmable Termination
LTC4068X-4.2 LINER-LTC4068X-4.2_15 Datasheet
149Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Programmable Termination
logo
Feeling Technology Corp...
FP8103 FEELING-FP8103 Datasheet
664Kb / 19P
   1A Linear Li-Ion Battery Charger in SOP8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com