Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP1820 Datasheet(PDF) 1 Page - SYNC POWER Crop.

Part # SP1820
Description  Four Channels Constant Current LED Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SP1820 Datasheet(HTML) 1 Page - SYNC POWER Crop.

  SP1820 Datasheet HTML 1Page - SYNC POWER Crop. SP1820 Datasheet HTML 2Page - SYNC POWER Crop. SP1820 Datasheet HTML 3Page - SYNC POWER Crop. SP1820 Datasheet HTML 4Page - SYNC POWER Crop. SP1820 Datasheet HTML 5Page - SYNC POWER Crop. SP1820 Datasheet HTML 6Page - SYNC POWER Crop. SP1820 Datasheet HTML 7Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2009/04/20
Ver.2
Page 1
SP1820
Four Channels Constant Current LED Driver
DESCRIPTION
APPLICATIONS
The SP1820 is a four channels constant current driver
white LED. The device can drive up to 20mA load
current per channel from single cell Lithium Ion battery.
SP1820 can provide lowest cost LED driver for various
applications. It does not require any external
components. Internal thermal protection automatically
adjusts LED current to prevent overheating.
The dimming control can be achieved by feeding a
PWM or analog signal into the Iset pin. The device can
be shut down by Enable low.
Battery Powered Devices
Digital Camera
PDA, MP3/4
GPS
Mobile Phone
Keyboard/Display Backlight
FEATURES
PIN CONFIGURATION(SOP – 8P)
PART MARKING
Low Cost LED Driver
Constant Current Output
Four Channels LED Driver Provides Matching
LED Current
Low Quiescent Current
Disconnects LEDs in Shutdown Mode
Thermal Shut Down Protection
Current Adjustable via external resistor
Dimming Control thru either Enable or Iset


Similar Part No. - SP1820

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP1821 SYNC-POWER-SP1821 Datasheet
255Kb / 7P
   Four Channels Constant Current LED Driver
SP1821S8RGB SYNC-POWER-SP1821S8RGB Datasheet
255Kb / 7P
   Four Channels Constant Current LED Driver
logo
Cornell Dubilier Electr...
SP182K CDE-SP182K Datasheet
201Kb / 2P
   Ceramic Capacitors
More results

Similar Description - SP1820

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP1821 SYNC-POWER-SP1821 Datasheet
255Kb / 7P
   Four Channels Constant Current LED Driver
logo
Integrated Silicon Solu...
IS31BL3230 ISSI-IS31BL3230 Datasheet
300Kb / 9P
   8 CHANNELS CONSTANT CURRENT LED DRIVER
logo
ADDtek Corp
A701 ADDTEK-A701 Datasheet
118Kb / 1P
   6 CHANNELS ADJUSTABLE CONSTANT CURRENT LED DRIVER
JUNE 2008
logo
Integrated Silicon Solu...
IS31BL3212-STLS2-TR ISSI-IS31BL3212-STLS2-TR Datasheet
306Kb / 10P
   FOUR CHANNEL CONSTANT CURRENT LED DRIVER
IS31BL3212 ISSI-IS31BL3212 Datasheet
262Kb / 9P
   FOUR CHANNEL CONSTANT CURRENT LED DRIVER
logo
List of Unclassifed Man...
EC4101 ETC2-EC4101 Datasheet
428Kb / 6P
   Four Channel Constant Current LED Driver
logo
Sipex Corporation
SP7615 SIPEX-SP7615 Datasheet
244Kb / 10P
   Four Channel Constant Current LED Driver
SP7615 SIPEX-SP7615_06 Datasheet
286Kb / 11P
   Four Channel Constant Current LED Driver
logo
Sanyo Semicon Device
LV8481CS SANYO-LV8481CS Datasheet
255Kb / 13P
   Saturated Driver with 2 channels Constant Current Driver
LV8080LP SANYO-LV8080LP_09 Datasheet
98Kb / 8P
   Two channels Constant-current H-bridge Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com