Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGA30N60LSD Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FGA30N60LSD
Description  MOSFETs and bipolar transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGA30N60LSD Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FGA30N60LSD Datasheet HTML 1Page - Fairchild Semiconductor FGA30N60LSD Datasheet HTML 2Page - Fairchild Semiconductor FGA30N60LSD Datasheet HTML 3Page - Fairchild Semiconductor FGA30N60LSD Datasheet HTML 4Page - Fairchild Semiconductor FGA30N60LSD Datasheet HTML 5Page - Fairchild Semiconductor FGA30N60LSD Datasheet HTML 6Page - Fairchild Semiconductor FGA30N60LSD Datasheet HTML 7Page - Fairchild Semiconductor FGA30N60LSD Datasheet HTML 8Page - Fairchild Semiconductor FGA30N60LSD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
FGA30N60LSD Rev. A
Figure 19. Transient Thermal Impedance of IGBT
Figure 20. Typical Forward Voltage Drop
Figure 21. Typical Reverse Current
Figure 22. Typical Reverse Recovery Time
1E-5
1E-4
1E-3
0.01
0.1
1
10
1E-3
0.01
0.1
1
0.5
0.2
0.1
0.05
0.02
single pulse
Rectangular Pulse Duration [sec]
Duty Factor, D = t1/t2
Peak T
j = Pdm x Zthjc + TC
0.01
t1
PDM
t2
0
100
200
300
400
500
600
1E-9
1E-8
1E-7
1E-6
1E-5
1E-4
T
C
= 25
oC
T
C
= 75
oC
REVERSE VOLTAGE, V
R
[V]
T
C
= 125
oC
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
0.1
1
10
100
T
C
=75
oC
T
C
=25
oC
FORWARD VOLTAGE, V
F
[V]
T
C
=125
oC
100
200
300
400
500
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
T
C
= 125
oC
T
C
= 75
oC
di/dt [A/µs]
T
C
= 25
oC
I
F
= 15A


Similar Part No. - FGA30N60LSD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA30N65SMD FAIRCHILD-FGA30N65SMD Datasheet
337Kb / 10P
   650 V, 30 A Field Stop IGBT
More results

Similar Description - FGA30N60LSD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4052CX20LF.135 NXP-IP4052CX20LF.135 Datasheet
4Mb / 68P
   Diodes, protection and signal conditioning devices, bipolar transistors, MOSFETs, thyristors
2011
logo
New Jersey Semi-Conduct...
SK9424 NJSEMI-SK9424 Datasheet
90Kb / 1P
   Bipolar Transistors
SK3114A NJSEMI-SK3114A Datasheet
75Kb / 1P
   Bipolar Transistors
logo
ON Semiconductor
MMJT350T1G ONSEMI-MMJT350T1G Datasheet
108Kb / 4P
   Bipolar Power Transistors
September, 2010 ??Rev. 5
NJT4030P ONSEMI-NJT4030P_10 Datasheet
279Kb / 7P
   Bipolar Power Transistors
September, 2010 -- Rev. 1
MMJT350T1G ONSEMI-MMJT350T1G_13 Datasheet
114Kb / 4P
   Bipolar Power Transistors
August, 2013 ??Rev. 7
NJT4031N ONSEMI-NJT4031N_13 Datasheet
112Kb / 5P
   Bipolar Power Transistors
August, 2013 ??Rev. 4
NSS40300MZ4 ONSEMI-NSS40300MZ4_10 Datasheet
114Kb / 7P
   Bipolar Power Transistors
September, 2010 ??Rev. 1
logo
List of Unclassifed Man...
2SC2818 ETC1-2SC2818 Datasheet
55Kb / 2P
   Power Bipolar Transistors
logo
Motorola, Inc
MMJT9410 MOTOROLA-MMJT9410 Datasheet
95Kb / 4P
   Bipolar Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com