Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP9718 Datasheet(PDF) 2 Page - SYNC POWER Crop.

Part # SP9718
Description  1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SP9718 Datasheet(HTML) 2 Page - SYNC POWER Crop.

  SP9718 Datasheet HTML 1Page - SYNC POWER Crop. SP9718 Datasheet HTML 2Page - SYNC POWER Crop. SP9718 Datasheet HTML 3Page - SYNC POWER Crop. SP9718 Datasheet HTML 4Page - SYNC POWER Crop. SP9718 Datasheet HTML 5Page - SYNC POWER Crop. SP9718 Datasheet HTML 6Page - SYNC POWER Crop. SP9718 Datasheet HTML 7Page - SYNC POWER Crop. SP9718 Datasheet HTML 8Page - SYNC POWER Crop. SP9718 Datasheet HTML 9Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2007/12/20
Ver.1
Page 2
SP9718
1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
TYPICAL APPLCATION CIRCUIT
PIN DESCRIPTION & ELECTRICAL CHARACTERISTICS
Operating Rating
Pin
Symbol
Description
Min.
Typ.
Max.
Unit
1
VIN
Voltage supply for internal circuits
2
2.5
5.5
V
2
GND
Ground for internal reference voltage divider
Shutdown level
0.75 x VIN
VIN + 0.3
3
SD
CMOS input level
Enable level
0
2.0
V
4
VREF
VOUT Set Voltage
1.1
VIN
V
5
VFB
Feedback node for the VOUT
VREF
V
6
PGND
Ground for output power transistors
7
LX
Inductor connection to the Drains of the internal
power MOSFETs
5.5
V
8
PVIN
Voltage supply for output power transistors
2
2.5
5.5
V


Similar Part No. - SP9718

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
SP9718 STANSON-SP9718 Datasheet
244Kb / 9P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
More results

Similar Description - SP9718

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
SP9718 STANSON-SP9718 Datasheet
244Kb / 9P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
List of Unclassifed Man...
CM3718 ETC-CM3718 Datasheet
361Kb / 10P
   1.5A LOW NOISE PWM STEP DOWN REGULATOR
logo
Champion Microelectroni...
CM3718 CHAMP-CM3718 Datasheet
349Kb / 10P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
Microsemi Corporation
LX1911 MICROSEMI-LX1911 Datasheet
152Kb / 7P
   1.5A, 1.1MHZ PWM Step-Down Regulator
logo
Champion Microelectroni...
CM3708A CHAMP-CM3708A Datasheet
237Kb / 6P
   3A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
Maxim Integrated Produc...
MAX1692 MAXIM-MAX1692 Datasheet
150Kb / 12P
   Low-Noise, 5.5V-Input, PWM Step-Down Regulator
Rev 0; 11/98
logo
Advanced Analogic Techn...
AAT2158 ANALOGICTECH-AAT2158 Datasheet
706Kb / 18P
   1.5A Low Noise Step-Down Converter
AAT2158_0810 ANALOGICTECH-AAT2158_0810 Datasheet
1Mb / 17P
   1.5A Low Noise Step-Down Converter
AAT2158 ANALOGICTECH-AAT2158_08 Datasheet
756Kb / 16P
   1.5A Low Noise Step-Down Converter
logo
List of Unclassifed Man...
CM3708 ETC-CM3708 Datasheet
165Kb / 6P
   3A LOOW NOISE PWM STEP DOWN REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com