Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA46H120-W Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA46H120-W
Description  GaAs Constant Gamma Flip-Chip Varactor Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA46H120-W Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA46H120-W Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA46H120-W Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA46H120-W Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
GaAs Constant Gamma Flip-Chip
Varactor Diode
Rev. V3
MA46H120 Series
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
MA-COM Technical Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product MA-COM Technical Solutions is
considering for development. Performance is based on target specifications, simulated results, and/
or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product MA-COM Technical Solutions
has under development. Performance is based on engineering tests. Specifications are typical.
Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commit-
ment to produce in volume is not guaranteed.
Features
• Constant Gamma for Linear Tuning
• Low Parasitic Capacitance
• High Q
• Silicon Nitride Passivation
• Polyimide Scratch Protection
• Surface Mount Configuration
Description
M/A - COM
Technology
Solutions’
MA46H120 series is a gallium arsenide flip
chip hyperabrupt varactor diode. These
devices are fabricated on OMCVD epitaxial
wafers using a process designed for high
device
uniformity
and
extremely
low
parasitics. The MA46H120 diodes are fully
passivated with silicon nitride and have an
additional layer of polyimide for scratch
protection. The protective coatings prevent
damage to the junction during automated or
manual handling. The flip chip configuration
is suitable for pick and place insertion.
Ordering Information
Part Number
Package
MA46H120-W
Whole Wafer
MA46H120
Gel Pack
MAVR-000120-12030W
Waffle Pack
Absolute Maximum Ratings
1,2
Operating Temperature
-40°C to +125°C
Storage Temperature
-65°C to +150°C
Power Dissipation
100 mW
Mounting Temperature
+235°C for 10 seconds
1.
Exceeding any one or combination of these limits may cause
permanent damage to this device.
2.
M/A-COM does not recommend sustained operation near
these survivability limits.
* Specifications are subject to change without prior notification
Chip Layout
Front View (Circuit Side)
Back View (Operator Side)
Schematic
Electrical Specifications @ TA = +25 °C
Breakdown Voltage @ IR = 10μA, Vb = 20 V Minimum
Reverse Leakage Current @ VR =14V, IR = 100 nA Maximum


Similar Part No. - MA46H120-W

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA46H120-W MA-COM-MA46H120-W Datasheet
545Kb / 4P
   GaAs Constant Gamma Flip-Chip Varactor Diode
More results

Similar Description - MA46H120-W

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA46H120 MACOM-MA46H120 Datasheet
40Kb / 2P
   GaAs Constant Gamma Flip- Chip Varactor Diode
logo
M/A-COM Technology Solu...
MA46H120 MA-COM-MA46H120_15 Datasheet
545Kb / 4P
   GaAs Constant Gamma Flip-Chip Varactor Diode
logo
Tyco Electronics
MAVR-000120-1411 MACOM-MAVR-000120-1411 Datasheet
198Kb / 5P
   Solderable GaAs Constant Gamma Flip-Chip Varactor Diode
logo
M/A-COM Technology Solu...
MAVR-000120-1411 MA-COM-MAVR-000120-1411_15 Datasheet
197Kb / 4P
   Solderable GaAs Constant Gamma Flip-Chip Varactor Diode
logo
Sensitron
SCP-5761 SENSITRON-SCP-5761 Datasheet
83Kb / 2P
   GaAs CONSTANT GAMMA HYPERABRUPT VARACTOR DIODE
SCP-5760 SENSITRON-SCP-5760 Datasheet
83Kb / 2P
   GaAs CONSTANT GAMMA HYPERABRUPT VARACTOR DIODE
logo
M/A-COM Technology Solu...
MA46H120_V3 MA-COM-MA46H120_V3 Datasheet
131Kb / 3P
   GaAs Constant Gamma Flip-Chip
MA46H120 MA-COM-MA46H120 Datasheet
131Kb / 3P
   GaAs Constant Gamma Flip-Chip
MAVR-000120-1411 MA-COM-MAVR-000120-1411 Datasheet
197Kb / 4P
   Solderable GaAs Constant Gamma Flip-Chip
MAVR-011020-1141 MA-COM-MAVR-011020-1141 Datasheet
619Kb / 4P
   Solderable GaAs Constant Gamma Flip-Chip
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com