Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAA2000G Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAA2000G
Description  GaAs MMIC Voltage Variable Absorptive Attenuator DC - 12 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAA2000G Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAA2000G Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAA2000G Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAA2000G Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
GaAs MMIC Voltage Variable Absorptive Attenuator
DC - 12 GHz
Rev. V4
MAAA2000G
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Handling Procedures
Permanent damage to the MAAA2000G may occur if the following precautions are not adhered to:
A. Cleanliness - The MAAA2000G should be handled in a clean environment.
DO NOT attempt to clean
assembly after the MAAA2000G is installed.
B. Static Sensitivity - All die handling equipment and personnel should be DC grounded.
C. Transients - Avoid instrument and power supply transients while bias is connected to the MAAA2000G. Use
shielded signal and bias cables to minimize inductive pick-up.
D. Bias - Apply voltage to either control port A1/B2 or A2/B1 only when the other is grounded. Neither port
should be allowed to “float”.
E. General Handling - It is recommended that the MAAA2000G chip be handled along the long side of the die
with a sharp pair of bend tweezers. DO NOT touch the surface of the chip with fingers or tweezers.
Bonding
A. Ball or wedge bond with 1.0 mil diameter pure gold wire.
Thermosonic bonding with a nominal stage
temperature of 150°C and a ball bonding force of 40 to 50 grams or wedge bonding force of 18 to 22 grams
is recommended.
Ultrasonic energy and time should be adjusted to the minimum levels necessary to
achieve reliable wirebonds.
B. Wirebonds should be started on the chip and terminated on the package. GND bonds should be as short as
possible; at least three and no more than four bond wires from ground pads to package are recommended.
Mounting
The MAAA2000G is back-metallized with Pd/Ni/Au (100/1,000/10,000Å) metallization. It can be die-mounted
using Au/Sn eutectic preforms or a thermally conductive epoxy. The package surface should be clean and flat
before attachment.
Eutectic Die Attach:
A. An 80/20 Au/Sn preform is recommended with a work surface temperature of approximately 255°C and a
tool temperature of 265°C. When hot 90/5 nitrogen/hydrogen gas is applied, solder temperature should be
approximately 290°C.
B. DO NOT expose the MAAA2000G to a temperature greater than 320°C for more than 20 seconds. No more
than 3 seconds of scrubbing should be required for attachment.
Epoxy Die Attach:
A. Apply a minimum amount of epoxy and place the MAAA2000G into position. A thin epoxy fillet should be
visible around the perimeter of the die.
B. Cure epoxy per manufacturer’s recommended schedule.
C. Electrically conductive epoxy is recommended but is not required.


Similar Part No. - MAAA2000G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAA2000G MACOM-MAAA2000G Datasheet
65Kb / 3P
   GaAs MMIC Voltage Variable Absorptive Attenuator DC - 12 GHz
logo
M/A-COM Technology Solu...
MAAA2000G MA-COM-MAAA2000G Datasheet
58Kb / 3P
   GaAs MMIC Voltage Variable Absorptive Attenuator
MAAA2000G MA-COM-MAAA2000G_15 Datasheet
483Kb / 4P
   GaAs MMIC Voltage Variable Absorptive Attenuator
More results

Similar Description - MAAA2000G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAA2000G MACOM-MAAA2000G Datasheet
65Kb / 3P
   GaAs MMIC Voltage Variable Absorptive Attenuator DC - 12 GHz
logo
M/A-COM Technology Solu...
MAAA2000G MA-COM-MAAA2000G Datasheet
58Kb / 3P
   GaAs MMIC Voltage Variable Absorptive Attenuator
MAAA2000G MA-COM-MAAA2000G_15 Datasheet
483Kb / 4P
   GaAs MMIC Voltage Variable Absorptive Attenuator
AT-250 MA-COM-AT-250 Datasheet
69Kb / 3P
   Voltage Variable Absorptive Attenuator 12 dB, DC - 2.0 GHz
logo
Tyco Electronics
AT-250 MACOM-AT-250_1 Datasheet
162Kb / 3P
   Voltage Variable Absorptive Attenuator 12 dB, DC-2.0 GHz
AT-259 MACOM-AT-259_1 Datasheet
169Kb / 3P
   Voltage Variable Absorptive Attenuator 12 dB, DC-2.0 GHz
logo
Analog Devices
HMC346ALC3B AD-HMC346ALC3B Datasheet
918Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
HMC346ALP3 AD-HMC346ALP3 Datasheet
903Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
logo
List of Unclassifed Man...
HMC346LC3B ETC1-HMC346LC3B Datasheet
360Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
logo
M/A-COM Technology Solu...
AT-259 MA-COM-AT-259 Datasheet
71Kb / 3P
   Voltage Variable Absorptive Attenuator 12 dB, DC - 2.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com