Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPN1024S56RG Datasheet(PDF) 2 Page - SYNC POWER Crop.

Part # SPN1024S56RG
Description  Dual N-Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPN1024S56RG Datasheet(HTML) 2 Page - SYNC POWER Crop.

  SPN1024S56RG Datasheet HTML 1Page - SYNC POWER Crop. SPN1024S56RG Datasheet HTML 2Page - SYNC POWER Crop. SPN1024S56RG Datasheet HTML 3Page - SYNC POWER Crop. SPN1024S56RG Datasheet HTML 4Page - SYNC POWER Crop. SPN1024S56RG Datasheet HTML 5Page - SYNC POWER Crop. SPN1024S56RG Datasheet HTML 6Page - SYNC POWER Crop. SPN1024S56RG Datasheet HTML 7Page - SYNC POWER Crop. SPN1024S56RG Datasheet HTML 8Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2007/11/10
Ver.1
Page 2
SPN1024
Dual N-Channel Enhancement Mode MOSFET
PIN DESCRIPTION
Pin
Symbol
Description
1
S1
Source 1
2
G1
Gate 1
3
D2
Drain 2
4
S2
Source 2
5
G2
Gate 2
6
D1
Drain1
ORDERING INFORMATION
Part Number
Package
Part
Marking
SPN1024S56RG
SOT-563
B
Week Code : A ~ Z( 1 ~ 26 ) ; a ~ z( 27 ~ 52 )
SPN1024S56RG : Tape Reel ; Pb – Free
ABSOULTE MAXIMUM RATINGS
(TA=25
Unless otherwise noted)
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDSS
20
V
Gate –Source Voltage
VGSS
±12
V
TA=25℃
0.65
Continuous Drain Current(TJ=150 )
TA=80℃
ID
0.45
A
Pulsed Drain Current
IDM
1.0
A
Continuous Source Current(Diode Conduction)
IS
0.3
A
TA=25℃
0.35
Power Dissipation
TA=70℃
PD
0.19
W
Operating Junction Temperature
TJ
-55/150
Storage Temperature Range
TSTG
-55/150


Similar Part No. - SPN1024S56RG

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPN1024S56RG SYNC-POWER-SPN1024S56RG Datasheet
185Kb / 8P
   Dual N-Channel Enhancement Mode MOSFET
SPN1024S56RGB SYNC-POWER-SPN1024S56RGB Datasheet
185Kb / 8P
   Dual N-Channel Enhancement Mode MOSFET
More results

Similar Description - SPN1024S56RG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com