Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CVL3S57-TO5C Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # CVL3S57-TO5C
Description  1550nm Pulsed Laser Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CVL3S57-TO5C Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  CVL3S57-TO5C Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CVL3S57-TO5C Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LDI Document #10-4400-0023 Rev. E 3/30/09
Note:
Devices are supplied case negative unless otherwise specified.
*
Fiber: 400 micron 0.37NA Hard Clad Silica
**Heat sinking required
Package Drawings
1
15
55
50
0n
nm
m P
Pu
ulls
se
ed
d L
La
as
se
err
D
Diio
od
de
es
s
“Eye Safe”
High Efficiency
Stable output from -40°C to +85°C
Single and stacked devices up to
40Watts
Hermetic package
RoHS Compliant
Applications:
Rangefinding
Surveying equipment
Friend or foe identification
Laser Diode Incorporated
M/A-Com Technology Solutions
4 Olsen Avenue
Edison, NJ 08820 USA
Voice : (732) 549-9001
Fax:
(732) 549-1559
Internet: www.laserdiode.com
Email: sales@laserdiode.com
CVL Series Characteristics @ 25
oC
Parameters
Symbol
CVL57
CVL2S57
CVL3S57
CVL4S57
Units
Peak Power (min)
Po
10
20
30
40
Watts
Peak Power (Fiber)*
Pf
48
12
16
Watts
Peak Forward Current
If
25
25
25
25
Amps
Threshold Current (typ)
Ith
1.6
1.6
1.6
1.6
Amps
Number of Diodes
12
34
Emitting Area (typ)
350 x 2
350 x 110
350 x 220
350 x 330
Microns
Duty Factor**
DF
0.07
0.07
0.07
0.07
%
Parameter
Symbol
Min
Typ
Max
Unit
Peak Wavelength
λ
1535
1550
1565
nm
Spectral Width
Δλ
12
nm
Temperature Coefficient of Wavelength
Δλ/ΔT
0.55
nm/
oC
Beam Spread
FWHM
15 x 50
degrees
Operating Temperature
To
-40
+85
oC
Pulse Width
Pw
150
ns


Similar Part No. - CVL3S57-TO5C

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CVL639 CDIL-CVL639 Datasheet
148Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
CVL639NPN CDIL-CVL639NPN Datasheet
148Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
CVL640 CDIL-CVL640 Datasheet
148Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
CVL640PNP CDIL-CVL640PNP Datasheet
148Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Crystek Corporation
CVLD-025 CRYSTEKCRYSTAL-CVLD-025 Datasheet
116Kb / 1P
   Differential LVDS Voltage Controlled Clock Oscillator 5X7 mm SMD, 2.5V, LVDS
More results

Similar Description - CVL3S57-TO5C

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
RLT-HPL905-50 ROCHESTER-RLT-HPL905-50 Datasheet
94Kb / 2P
   HIGH POWER PULSED LASER DIODES
logo
Roithner LaserTechnik G...
RLT-HPL905-50 ROITHNER-RLT-HPL905-50 Datasheet
94Kb / 2P
   HIGH POWER PULSED LASER DIODES
logo
M/A-COM Technology Solu...
CVD46-TO18C MA-COM-CVD46-TO18C Datasheet
227Kb / 2P
   High Power Pulsed Laser Diodes
logo
Roithner LaserTechnik G...
LDMP-0905 ROITHNER-LDMP-0905 Datasheet
158Kb / 3P
   LDMP- SERIES HIGH POWER PULSED LASER DIODES
LDMP-0905-50W-93 ROITHNER-LDMP-0905-50W-93 Datasheet
158Kb / 3P
   LDMP- SERIES HIGH POWER PULSED LASER DIODES.
LDMP-0905-20W-51 ROITHNER-LDMP-0905-20W-51 Datasheet
158Kb / 3P
   LDMP- SERIES HIGH POWER PULSED LASER DIODES
logo
NEC
NDL7553P NEC-NDL7553P Datasheet
66Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1550nm OTDR APPLICATION
NDL7563P NEC-NDL7563P Datasheet
61Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1550nm OTDR APPLICATION
NDL7564P NEC-NDL7564P Datasheet
60Kb / 8P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1550nm OTDR APPLICATION
logo
Hamamatsu Corporation
L6690-53 HAMAMATSU-L6690-53_15 Datasheet
1Mb / 2P
   PULSED LASER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com