Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0005 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0005
Description  GaAs SPDT Switch 0.05 - 3.0 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0005 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0005 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0005 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0005 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
GaAs SPDT Switch
0.05 - 3.0 GHz
Rev. V4
MASWSS0005
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Return Loss
Insertion Loss
Typical Performance Curves
Isolation
0.0
0.1
0.2
0.3
0.4
0.5
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
20
22
24
26
28
30
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
0
10
20
30
40
50
60
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)


Similar Part No. - MASWSS0005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0005 MACOM-MASWSS0005 Datasheet
178Kb / 3P
   GaAs SPDT Switch 0.05 - 3 GHz
MASWSS0005SMB MACOM-MASWSS0005SMB Datasheet
178Kb / 3P
   GaAs SPDT Switch 0.05 - 3 GHz
MASWSS0005TR-3000 MACOM-MASWSS0005TR-3000 Datasheet
178Kb / 3P
   GaAs SPDT Switch 0.05 - 3 GHz
More results

Similar Description - MASWSS0005

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-485 MA-COM-SW-485 Datasheet
116Kb / 3P
   GaAs SPDT Switch 0.05 - 3.0 GHz
logo
Tyco Electronics
SW-485 MACOM-SW-485 Datasheet
99Kb / 3P
   GaAs SPDT Switch 0.05 - 3.0 GHz
logo
NEC
UPG2408TB NEC-UPG2408TB Datasheet
112Kb / 12P
   0.05 to 3.0 GHz SPDT SWITCH
logo
California Eastern Labs
UPG2408TB CEL-UPG2408TB_09 Datasheet
720Kb / 12P
   0.05 to 3.0 GHz SPDT SWITCH
logo
Renesas Technology Corp
PG2408TB RENESAS-PG2408TB_15 Datasheet
241Kb / 14P
   0.05 to 3.0 GHz SPDT SWITCH
logo
NEC
UPG2408TK NEC-UPG2408TK Datasheet
112Kb / 12P
   0.05 to 3.0 GHz SPDT SWITCH
logo
California Eastern Labs
UPG2408TB CEL-UPG2408TB Datasheet
720Kb / 12P
   0.05 to 3.0 GHz SPDT SWITCH
UPG2408TK CEL-UPG2408TK Datasheet
503Kb / 11P
   0.05 to 3.0 GHz SPDT SWITCH
logo
Renesas Technology Corp
PG2408TK RENESAS-PG2408TK Datasheet
241Kb / 14P
   0.05 to 3.0 GHz SPDT SWITCH
logo
Tyco Electronics
MASWSS0005 MACOM-MASWSS0005 Datasheet
178Kb / 3P
   GaAs SPDT Switch 0.05 - 3 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com