Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0070 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0070
Description  GaAs Broadband SPDT Switch DC - 6.0 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0070 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0070 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0070 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0070 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0070 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0070 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
GaAs Broadband SPDT Switch
DC - 6.0 GHz
Rev. V4
MASWSS0070
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Application Schematic
VC1
GND
GND
VC1
RF1
RF2
RFC
C1
C2
C3
VC2
GND
GND
GND
GND
GND
VC1
GND
GND
VC1
RF1
RF2
RFC
C1
C2
C3
VC2
GND
GND
GND
GND
GND
Truth Table
5
Control V1
Control V2
RFC– RF1 RFC—RF2
1
0
On
Off
0
1
Off
On
5. 1 = +2.9 V to +5 V, 0 = 0 V + 0.2 V.
Application #1:
Optimized for 802.11a (5-6 Ghz)
Application #2:
Optimized for 802.11b/g (2.4 GHz)
Qty
Description
3
Capacitor, 3.0 pF, 0402, SMT, 5% (C1-C3)
Qty
Description
3
Capacitor, 8.0 pF, 0402, SMT, 5% (C1-C3)
6. Exceeding any one or combination of these limits may cause
permanent damage to this device.
7. M/A-COM does not recommend sustained operation near
these survivability limits.
Absolute Maximum Ratings
6,7
Parameter
Absolute Maximum
Input Power @ 3 V Control
+32 dBm
Input Power @ 5 V Control
+34 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40
°C to +85°C
Storage Temperature
-65°C to +150
°C


Similar Part No. - MASWSS0070

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0070 MACOM-MASWSS0070 Datasheet
119Kb / 4P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0070 MA-COM-MASWSS0070 Datasheet
126Kb / 5P
   GaAs Broadband SPDT Switch
logo
Tyco Electronics
MASWSS0070SMB MACOM-MASWSS0070SMB Datasheet
119Kb / 4P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0070SMB MA-COM-MASWSS0070SMB Datasheet
126Kb / 5P
   GaAs Broadband SPDT Switch
logo
Tyco Electronics
MASWSS0070TR MACOM-MASWSS0070TR Datasheet
119Kb / 4P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
More results

Similar Description - MASWSS0070

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0202 MACOM-MASWSS0202 Datasheet
218Kb / 4P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0202 MA-COM-MASWSS0202 Datasheet
103Kb / 4P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0202 MA-COM-MASWSS0202 Datasheet
103Kb / 4P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
logo
Tyco Electronics
MASW-007588 MACOM-MASW-007588 Datasheet
89Kb / 3P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0070 MACOM-MASWSS0070 Datasheet
119Kb / 4P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0093 MACOM-MASWSS0093 Datasheet
184Kb / 3P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASW-007588 MA-COM-MASW-007588 Datasheet
73Kb / 3P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0093 MA-COM-MASWSS0093 Datasheet
82Kb / 3P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0093 MA-COM-MASWSS0093 Datasheet
82Kb / 3P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
MASW6010G MA-COM-MASW6010G Datasheet
70Kb / 4P
   GaAs SPDT Switch DC - 6.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com