Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0094TR-3000 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0094TR-3000
Description  GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0094TR-3000 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0094TR-3000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0094TR-3000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0094TR-3000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0094TR-3000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0094TR-3000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
5
GaAs Broadband DPDT Diversity Switch
DC - 6.0 GHz
Rev. V6
MASWSS0094
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Pad No.
Name
Description
2
VC1
Control 1
3
GND
Ground
4
N/C
No Connection
5
ANT1
Antenna Port 1
6
ANT2
Antenna Port 2
7
N/C
No Connection
8
GND
Ground
9
VC2
Control 2
10
Rx
Receive Port
11
N/C
No Connection
12
GND
Ground
13
GND
Ground
14
N/C
No Connection
15
TX
Transmit Port
Die Bond Pad Configuration
MASWSS0094-DIE
Die Bond Pad Layout
3 mm 12-Lead PQFN


Similar Part No. - MASWSS0094TR-3000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0094TR-3000 MACOM-MASWSS0094TR-3000 Datasheet
141Kb / 5P
   GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
More results

Similar Description - MASWSS0094TR-3000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0129 MACOM-MASWSS0129 Datasheet
125Kb / 4P
   GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASW-007656 MACOM-MASW-007656 Datasheet
142Kb / 6P
   GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0094 MACOM-MASWSS0094 Datasheet
141Kb / 5P
   GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0129 MA-COM-MASWSS0129 Datasheet
104Kb / 4P
   GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0190 MA-COM-MASWSS0190 Datasheet
120Kb / 4P
   GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
MASWSS0107 MA-COM-MASWSS0107_15 Datasheet
553Kb / 5P
   GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
logo
Tyco Electronics
MASWSS0190 MACOM-MASWSS0190 Datasheet
148Kb / 4P
   GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0107 MA-COM-MASWSS0107 Datasheet
76Kb / 4P
   GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
MASWSS0190 MA-COM-MASWSS0190 Datasheet
120Kb / 4P
   GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
logo
Tyco Electronics
MASWSS0107 MACOM-MASWSS0107 Datasheet
185Kb / 4P
   GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com