Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25HF60M Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # 25HF60M
Description  SILICON POWER DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

25HF60M Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  25HF60M Datasheet HTML 1Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DO-5
FEATURES
• All Diffused Series
• Available in Normal & Reverse Polarity
• Industrial Grade
• Available In Avalanche Characteristic
* Available in metric and UNF thread
ELECTRICALSPECIFICATIONS
25F/FR
IF(AV)
Maximum Average Forward
25A
Current T=1400C
V
FM
Maximum peak forward
1.25V
voltage drop @ Rated I
F(AV)
I
FSM
Maximum peak one cycle
400 A
(non-rep) surge current 10 m sec
I
FRM
Maximum peak repetitive
150A
surge current®
I2tMaximum I2t rating (non-rep.)
800A2Sec
for 5 to 10 m sec.
25 F / 25 FR
SILICON POWER DIODE
THERMAL MECHANICAL SPECIFICATIONS
θθθθθJC
Maximum thermal resistance Junction to case
1.50C/W
Tj
Operating Junction Temp.
-650C to 1500C
Tstg
Storage temperature
-650C to 1500C
Mounting torque
0.14 M-kg min,
(Non-lubricated threads)
0.17 M-kg max
W
Approx, weight
7 gms.
ELECTRICAL RATINGS
TYPE
NUMBER 25F/FR
10
20
40
60
80
100
120
140
160
VRRM
Max. repetitive peak reverse
100
200
400
600
800
1000
1200
1400 1600
voltage (v)
VR(RMS) Max. R.M.S. reverse voltage (V)
70
140
280
420
560
700
840
980 1120
VR
Max. D.C. Blocking Voltage (V)
100
200
400
60
800
1000
1200
1400 1600
Recommended R.M.S. working
40
80
160
240
320
400
480
560
640
Voltage(v)
iR(AV)
Max. Average reverse leakage
150
150
150
150
150
150
150
150
150
current @ VRMM Tc 250C uA
NAINA SEMICONDUCTOR LTD.
D95,SECTOR 63 NOIDA(INDIA)
e-mail : sales@nainasemi.com web site : www.nainasemi.com
NAINA
25 F/ FR
A
A
POLARITY
POLARITY
Normal
Normal
Reverse
Reverse
Ø 4.0
7
27
12
M8 x 1.25
16
Ø 8.0
32
12
11.5
M 8 x 1.25
17 A/F
17 A/F
11.5
C
C
C
C
A
A


Similar Part No. - 25HF60M

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
25H07-660 COOPER-25H07-660 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
List of Unclassifed Man...
25H32AT-32.000-S ETC2-25H32AT-32.000-S Datasheet
207Kb / 2P
   H32 OSCILLATORS
25H32BT-32.000-S ETC2-25H32BT-32.000-S Datasheet
207Kb / 2P
   H32 OSCILLATORS
25H32CT-32.000-S ETC2-25H32CT-32.000-S Datasheet
207Kb / 2P
   H32 OSCILLATORS
25H32DT-32.000-S ETC2-25H32DT-32.000-S Datasheet
207Kb / 2P
   H32 OSCILLATORS
More results

Similar Description - 25HF60M

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSM70 POWERSEM-PSM70 Datasheet
79Kb / 1P
   Silicon Power Diode
PSM16 POWERSEM-PSM16 Datasheet
69Kb / 1P
   Silicon Power Diode
logo
Naina Semiconductor ltd...
150NS NAINA-150NS Datasheet
115Kb / 1P
   SILICON POWER DIODE
85HF NAINA-85HF Datasheet
78Kb / 1P
   SILICON POWER DIODE
logo
Powersem GmbH
PSM250 POWERSEM-PSM250 Datasheet
79Kb / 1P
   Silicon Power Diode
logo
Naina Semiconductor ltd...
150U NAINA-150U Datasheet
87Kb / 1P
   SILICON POWER DIODE
logo
Meder Electronic
PSMPSMR70 MEDER-PSMPSMR70 Datasheet
146Kb / 1P
   Silicon Power Diode
logo
Naina Semiconductor ltd...
70HF NAINA-70HF Datasheet
77Kb / 1P
   SILICON POWER DIODE
logo
Powersem GmbH
PSM300 POWERSEM-PSM300 Datasheet
79Kb / 1P
   Silicon Power Diode
PSM320 POWERSEM-PSM320 Datasheet
82Kb / 1P
   Silicon Power Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com