Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPF1013 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FPF1013
Description  IntelliMAX 1V Rated Advanced Load Management Products
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF1013 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FPF1013 Datasheet HTML 2Page - Fairchild Semiconductor FPF1013 Datasheet HTML 3Page - Fairchild Semiconductor FPF1013 Datasheet HTML 4Page - Fairchild Semiconductor FPF1013 Datasheet HTML 5Page - Fairchild Semiconductor FPF1013 Datasheet HTML 6Page - Fairchild Semiconductor FPF1013 Datasheet HTML 7Page - Fairchild Semiconductor FPF1013 Datasheet HTML 8Page - Fairchild Semiconductor FPF1013 Datasheet HTML 9Page - Fairchild Semiconductor FPF1013 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.fairchildsemi.com
FPF1013/4 Rev. B1
Typical Characteristics
Figure 13. FPF1013/4 Turn ON Response
Figure 14. FPF1014 Turn OFF Response
Figure 15. FPF1014 Output Pull-down Response
VIN
500mV/DIV
IOUT
500mA/DIV
100µs/DIV
VON
2V/DIV
VOUT
500mV/DIV
VIN = 1 V
VON = 2.6 V
CIN = 10 µF
CL = 4.7 µF
RL = 1 Ω
VIN
500mV/DIV
IOUT
500mA/DIV
100µs/DIV
VON
2V/DIV
VOUT
500mV/DIV
VIN = 1 V
VON = 2.6 V
CIN = 10 µF
CL = 4.7 µF
RL = 1 Ω
VIN
500mV/DIV
500ns/DIV
VON
2V/DIV
VOUT
500mV/DIV
VIN = 1 V
VON = 2.6 V
RL = 499 Ω


Similar Part No. - FPF1013

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF1013 FAIRCHILD-FPF1013_11 Datasheet
710Kb / 11P
   IntelliMAX??1V-Rated Advanced Load Management Products
FPF1013 FAIRCHILD-FPF1013_12 Datasheet
2Mb / 11P
   IntelliMAX??1 V-Rated Advanced Load Management Products
More results

Similar Description - FPF1013

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF1013 FAIRCHILD-FPF1013_11 Datasheet
710Kb / 11P
   IntelliMAX??1V-Rated Advanced Load Management Products
FPF1015 FAIRCHILD-FPF1015 Datasheet
482Kb / 11P
   IntelliMAX 1V Rated Advanced Load Management Products
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100 Datasheet
431Kb / 12P
   IntelliMAX Advanced Load Management Products
FPF2006 FAIRCHILD-FPF2006 Datasheet
516Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2123 FAIRCHILD-FPF2123_06 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172 Datasheet
462Kb / 11P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100_08 Datasheet
361Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003A FAIRCHILD-FPF1003A Datasheet
606Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000_08 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com