Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPF2300 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FPF2300
Description  Dual-Output Current Limit Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2300 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FPF2300 Datasheet HTML 1Page - Fairchild Semiconductor FPF2300 Datasheet HTML 2Page - Fairchild Semiconductor FPF2300 Datasheet HTML 3Page - Fairchild Semiconductor FPF2300 Datasheet HTML 4Page - Fairchild Semiconductor FPF2300 Datasheet HTML 5Page - Fairchild Semiconductor FPF2300 Datasheet HTML 6Page - Fairchild Semiconductor FPF2300 Datasheet HTML 7Page - Fairchild Semiconductor FPF2300 Datasheet HTML 8Page - Fairchild Semiconductor FPF2300 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF2300/02/03 • Rev. 1.1.3
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only.
Notes:
1.
Two-layer PCB of 2s0p from JEDEC STD 51-3.
2.
Four-layer PBD of 2s0p from JEDEC STD 51-7.
3.
Soldered thermal pad on a two-layer PCB without vias based on JEDEC STD 51-3.
4.
Soldered thermal pad on a four-layer with two vias connected with GND plane base on JEDEC STD 51-5, 7.
Recommended Operating Range
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Min.
Max.
Unit
IN, OUTA, OUTB, ONA, ONB, FLAGB(A), FLAGB(B) to GND
-0.3
6.0
V
PD
Power Dissipation
SO8
0.8(1)
W
1.4(2)
MLP
0.6(3)
2.2(4)
TSTG
Storage Temperature
-65
+150
°C
ΘJA
Thermal Resistance, Junction-to-Ambient
SO8
158(1)
°C/W
92(2)
MLP
216(3)
57(4)
ESD
Electrostatic Discharge Protection
Human Body Model, JESD22-A114
4000
V
Charged Device Model, JESD22-C101
2000
Symbol
Parameter
Min.
Max.
Unit
IN
Supply Input
1.8
5.5
V
TA
Ambient Operating Temperature
-40
+85
°C


Similar Part No. - FPF2300

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2310 FAIRCHILD-FPF2310 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
FPF2310MPX FAIRCHILD-FPF2310MPX Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
FPF2310MPX FAIRCHILD-FPF2310MPX_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
FPF2310 FAIRCHILD-FPF2310_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
FPF2312 FAIRCHILD-FPF2312 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
More results

Similar Description - FPF2300

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2310 FAIRCHILD-FPF2310_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
FPF2310 FAIRCHILD-FPF2310 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
logo
Micrel Semiconductor
MIC2546 MICREL-MIC2546_08 Datasheet
279Kb / 15P
   Dual Programable Current Limit Switch
logo
Texas Instruments
PT5071-12V TI1-PT5071-12V Datasheet
150Kb / 4P
[Old version datasheet]   Output Current Limit
logo
Micrel Semiconductor
MIC2546 MICREL-MIC2546 Datasheet
262Kb / 12P
   Dual Programmable Current Limit Switch Preliminary Information
logo
Texas Instruments
OPA2674 TI-OPA2674 Datasheet
617Kb / 33P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2674 TI1-OPA2674_17 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2613 TI-OPA2613 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2613 TI1-OPA2613_14 Datasheet
742Kb / 34P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com