Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPF2312 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FPF2312
Description  Dual-Output Adjustable Current Limit Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2312 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FPF2312 Datasheet HTML 4Page - Fairchild Semiconductor FPF2312 Datasheet HTML 5Page - Fairchild Semiconductor FPF2312 Datasheet HTML 6Page - Fairchild Semiconductor FPF2312 Datasheet HTML 7Page - Fairchild Semiconductor FPF2312 Datasheet HTML 8Page - Fairchild Semiconductor FPF2312 Datasheet HTML 9Page - Fairchild Semiconductor FPF2312 Datasheet HTML 10Page - Fairchild Semiconductor FPF2312 Datasheet HTML 11Page - Fairchild Semiconductor FPF2312 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF2310/12/13/13L • Rev. 1.1.2
8
Typical Characteristics
OUT
5V/DIV
IN = 5V
ON = 3.3V
COUT = 0.1μF
RL = 500Ω
RSET = 680Ω
ON
2V/DIV
IN
5V/DIV
200μs/DIV
OUT
5V/DIV
IN = 5V
ON = 3.3V
CIN = 10μF
COUT = 0.1μF
RL = 500Ω
RSET = 680Ω
ON
2V/DIV
IN
5V/DIV
200μs/DIV
IOUT
50mA/DIV
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
12.5
-40
-15
10
35
60
85
TJ, JUNCTIONTEMPERATURE(°C)
OUTA
OUTB
FPF2310/12
IN=3.3V
ONA=ONB=3.3V
RSET =698Ohms
100
110
120
130
140
150
160
170
180
190
200
-40
-15
10
35
60
85
TJ, JUNCTIONTEMPERATURE(°C)
OUTA
OUTB
FPF2310
IN=3.3V
ONA=ONB=3.3V
RSET =698Ohms
1
10
100
1000
-40
-15
10
35
60
85
TJ, JUNCTIONTEMPERATURE(°C)
tDOFF
tDON
IN=3.3V
RL =500Ohms
CL =0.1uF
RSET =698Ohms
IN=3.3V
RL =500Ohms
RSET =698Ohms
0
2
4
6
8
10
12
14
16
18
20
-40
-15
10
35
60
85
TJ, JUNCTIONTEMPERATURE(°C)
tF
tR
IN=3.3V
RL =500Ohms
CL =0.1uF
RSET =698Ohms
IN=3.3V
RL =500Ohms
RSET =698Ohms
Figure 22. tON Response
Figure 23. tOFF Response
Figure 21. tRSTRT vs. Temperature
Figure 20. tBLANK vs. Temperature
Figure 18. tDON / tDOFF vs. Temperature
Figure 19. tRISE / tFALL vs. Temperature


Similar Part No. - FPF2312

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2312MPX FAIRCHILD-FPF2312MPX_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
More results

Similar Description - FPF2312

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2310 FAIRCHILD-FPF2310_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
FPF2300 FAIRCHILD-FPF2300 Datasheet
1Mb / 19P
   Dual-Output Current Limit Switch
logo
Micrel Semiconductor
MIC2007 MICREL-MIC2007 Datasheet
748Kb / 17P
   Adjustable Current Limit Power Distribution Switch
logo
Richtek Technology Corp...
RT2528 RICHTEK-RT2528 Datasheet
171Kb / 12P
   Power Switch with Adjustable Current Limit
RT9728B RICHTEK-RT9728B Datasheet
227Kb / 14P
   Power Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
Fairchild Semiconductor
FPF2496 FAIRCHILD-FPF2496 Datasheet
749Kb / 9P
   Load Switch with Adjustable Current-Limit Control
logo
ON Semiconductor
NCV47722. ONSEMI-NCV47722. Datasheet
163Kb / 14P
   High Side Switch with Adjustable Current Limit
April, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com