Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA2259 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FSA2259
Description  Low-Voltage, Dual-SPDT (0.8廓) Analog Switch with 16kV ESD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA2259 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FSA2259 Datasheet HTML 2Page - Fairchild Semiconductor FSA2259 Datasheet HTML 3Page - Fairchild Semiconductor FSA2259 Datasheet HTML 4Page - Fairchild Semiconductor FSA2259 Datasheet HTML 5Page - Fairchild Semiconductor FSA2259 Datasheet HTML 6Page - Fairchild Semiconductor FSA2259 Datasheet HTML 7Page - Fairchild Semiconductor FSA2259 Datasheet HTML 8Page - Fairchild Semiconductor FSA2259 Datasheet HTML 9Page - Fairchild Semiconductor FSA2259 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2258 • Rev. 1.0.2
7
Test Diagrams (Continued)
Vcc
0.9*Vout
Vcc/2
BBM
0V
V OUT
Input - V
Sel
0.9*Vout
tRISE=2.5ns
90%
10%
CL
nB n
R
L
nA
GND
GND
RS
V Sel
V IN
GND
R
L and CL are functions of the application
environment (50, 75, or 100 ).
C
L includes test fixture and stray capacitance.
V
OUT
V IN
GND
t
--
R
L and CL
Figure 8.
Break-Before-Make Interval Timing
VOUT
GND
GND
RT
GND
GND
VS
RS
Network Analyzer
V
Sel
GND
RL and CL are functions of the application
environment (50, 75, or 100 ).
C
L
includes test fixture and stray capacitance.
VIN
L
Figure 9.
Bandwidth
VOUT
GND
GND
RT
GND
GND
VS
RS
Network Analyzer
RT
GND
RS and RT are functions of the application
environment (50, 75, or 100 ).
VSel
GND
Off-Isolation = 20 Log (VOUT /VIN )
-
Figure 10.
Channel Off Isolation


Similar Part No. - FSA2259

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA2259 ONSEMI-FSA2259 Datasheet
205Kb / 11P
   Low-Voltage,Dual-SPDT Analog Switch
October-2017, Rev. 2
FSA2259UMX ONSEMI-FSA2259UMX Datasheet
205Kb / 11P
   Low-Voltage,Dual-SPDT Analog Switch
October-2017, Rev. 2
More results

Similar Description - FSA2259

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2258 FAIRCHILD-FSA2258 Datasheet
849Kb / 10P
   Low-Voltage, Dual-SPDT (0.8廓) Analog Switch with 16kV ESD
FSA2258 FAIRCHILD-FSA2258_12 Datasheet
696Kb / 10P
   Low-Voltage, Dual-SPDT (0.8?? Analog Switch with 16kV ESD
FSA2268 FAIRCHILD-FSA2268_08 Datasheet
728Kb / 2P
   Low-Voltage Dual-SPDT (0.4廓) Analog Switch with 16kV ESD
FSA2268_0703 FAIRCHILD-FSA2268_0703 Datasheet
95Kb / 2P
   Low-Voltage Dual-SPDT (0.4廓) Analog Switch with 16kV ESD
logo
ON Semiconductor
FSA2268 ONSEMI-FSA2268 Datasheet
937Kb / 12P
   Low-Voltage Dual-SPDT Analog Switch with 16kV ESD
December-2017, Rev. 2
logo
Fairchild Semiconductor
FSA2268 FAIRCHILD-FSA2268_12 Datasheet
715Kb / 12P
   Low-Voltage Dual-SPDT(0.4?? Analog Switch with 16kV ESD
FSA2268 FAIRCHILD-FSA2268 Datasheet
89Kb / 2P
   Low-Voltage Dual-SPDT (0.4OHM) Analog Switch with 16kV ESD
logo
Union Semiconductor, In...
UM4157 UNIONSEMI-UM4157 Datasheet
418Kb / 10P
   0.8廓 Low-Voltage SPDT Analog Switch
logo
SG Micro Corp
SGM4157YC SGMICRO-SGM4157YC Datasheet
436Kb / 10P
   SPDT 0.8廓 Analog Switch
logo
Fairchild Semiconductor
FSA859 FAIRCHILD-FSA859 Datasheet
571Kb / 10P
   Dual-Voltage, 0.8廓 SPDT Analog Switch with Power-Off Isolation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com