Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR-RAV070-1036B1 Datasheet(PDF) 1 Page - DDK Ltd.

Part # DFR-RAV070-1036B1
Description  0.8mm Pitch Board to Board Floating Connector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DFR-RAV070-1036B1 Datasheet(HTML) 1 Page - DDK Ltd.

  DFR-RAV070-1036B1 Datasheet HTML 1Page - DDK Ltd. DFR-RAV070-1036B1 Datasheet HTML 2Page - DDK Ltd. DFR-RAV070-1036B1 Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
 Your checking the latest specifications with our drawings would be highly appreciated.
・Number of Contact 30,40,60 and 70
・Stacking Height 5.5mm,9.5mm,14.0mm
・Contact Pitch:0.8 mm
・Floating Mechanism
Y Axis(Short Edge):0.7 mm
X Axis(Long Edge):0.7 mm
・Scoop-Proof Cantilever Contact Design
・Emboss Package for Automatic Mounting Machine
・Lead Free Material
Rated Voltage:100V AC(r.m.s.)/DC
Rated Current:0.5A / Contact
Insulation Resistance:500 MΩ min.at 250V DC
Dielectric Withstanding Voltage:250V AC(r.m.s.)for 1minute
Operating Temperature Range:ー 55℃∼+ 85℃
Contact:Copper Alloy / Au over Ni Plating
Locking Tab:Copper Alloy / Sn-Ag Plating
Housing:Heat Resistance Resin(UL94V-0) /Black
Locator:Heat Resistance Resin(UL94V-0) /Black
RoHS
Compliant
RoHS
Compliant
0.8mm Pitch Board to Board Floating Connector
DFR Series
Connector
Receptacle
Plug(Body)
Plug(Locator)
Y Axis
X Axis
090703
DFR series is a 0.8mm pitch board to board
connectors which offset the gap between
parallel boards by moving in X and Y axis.
Car Electronics, Mobile Devises, Plural
Connectors use for board to board connection
◆ OUTLINE
◆ FEATURES
◆ Applications
◆ SPECIFICATION
◆ MATERIAL/FINISH


Similar Part No. - DFR-RAV070-1036B1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DFR-0.5A LUGUANG-DFR-0.5A Datasheet
175Kb / 2P
   Surface Mount Fast Recovery Rectifiers
DFR-0.5B LUGUANG-DFR-0.5B Datasheet
175Kb / 2P
   Surface Mount Fast Recovery Rectifiers
DFR-0.5D LUGUANG-DFR-0.5D Datasheet
175Kb / 2P
   Surface Mount Fast Recovery Rectifiers
DFR-0.5G LUGUANG-DFR-0.5G Datasheet
175Kb / 2P
   Surface Mount Fast Recovery Rectifiers
DFR-0.5J LUGUANG-DFR-0.5J Datasheet
175Kb / 2P
   Surface Mount Fast Recovery Rectifiers
More results

Similar Description - DFR-RAV070-1036B1

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
KX24 JAE-KX24 Datasheet
231Kb / 6P
   0.8mm Pitch Board to Board Connector
CP2 JAE-CP2 Datasheet
266Kb / 3P
   Board-to-Board Floating Coaxial Connector
BA1 JAE-BA1 Datasheet
490Kb / 4P
   0.8mm Pitch Board-to-Board Factory Automation Connector
logo
FCI connector
61083 FCI-CONNECTOR-61083 Datasheet
461Kb / 6P
   0.8mM BOARD TO BOARD PLUG ASSY
logo
Hirose Electric
FX18-60P-0.8SV HIROSE-FX18-60P-0.8SV Datasheet
2Mb / 12P
   10Gbps 0.8mm pitch Board to Board Connectors
logo
Harwin Plc
M58-280XX42R HARWIN-M58-280XX42R Datasheet
182Kb / 2P
   FEMALE 0.8MM PITCH BOARD TO BOARD VERTICAL SMT
28.10.21
logo
EXCEL CELL ELECTRONIC C...
EBB-PR22 ECE-EBB-PR22 Datasheet
230Kb / 5P
   0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR27 ECE-EBB-PR27 Datasheet
187Kb / 3P
   0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR24 ECE-EBB-PR24 Datasheet
336Kb / 4P
   0.8mm Contact Spacing, Board To Board SMT Connectors
logo
Hirose Electric
FX26 HIROSE-FX26 Datasheet
661Kb / 12P
   140℃ Heat and Vibration Resistant Board-to-Board Floating Connector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com