Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DHE-J60-15NN Datasheet(PDF) 1 Page - DDK Ltd.

Part # DHE-J60-15NN
Description  1.27mm Centerline IDC Connectors for Direct Cable to PC Board Connections
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DHE-J60-15NN Datasheet(HTML) 1 Page - DDK Ltd.

  DHE-J60-15NN Datasheet HTML 1Page - DDK Ltd. DHE-J60-15NN Datasheet HTML 2Page - DDK Ltd. DHE-J60-15NN Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
DHE Series
1.27mm Centerline IDC Connectors for Direct Cable to PC
Board Connections
SPECIFICATION
Voltage rating
250V AC (rms)
Current rating
0.5A/contact
Dielectric withstanding voltage
500V AC (rms) for 1 minute
Insulation resistance
500MΩ min. at 500V DC
Contact resistance
20mΩ max. at 10mA DC
MATERIAL/FINISH
Contact
Copper alloy/Solder plating
Insulator
Polyamide (UL94V-0)/Black
APPLICABLE CABLES
AWG#30 or #28 flat ribbon cables
Insulator O.D.
0.6mm dia.
Construction
AWG#30: 7/0.102mm
AWG#28: 7/0.127mm
PBX, Computers, etc.
1.27mm center IDC connecters for 0.635mm
pitch flat ribbon cable (AWG#28 or 30)
Bi-level IDC termination design for reliable
connection
Open-ended rear cover design for daisy chain
applications
FEATURE
1
DHE


Similar Part No. - DHE-J60-15NN

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
DHE0.3A JUXING-DHE0.3A Datasheet
1Mb / 3P
   Surface Mount Ultra Fast Rectifiers
DHE0.3B JUXING-DHE0.3B Datasheet
1Mb / 3P
   Surface Mount Ultra Fast Rectifiers
DHE0.3D JUXING-DHE0.3D Datasheet
1Mb / 3P
   Surface Mount Ultra Fast Rectifiers
DHE0.3E JUXING-DHE0.3E Datasheet
1Mb / 3P
   Surface Mount Ultra Fast Rectifiers
DHE0.3G JUXING-DHE0.3G Datasheet
1Mb / 3P
   Surface Mount Ultra Fast Rectifiers
More results

Similar Description - DHE-J60-15NN

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCA3230CGB1 DUBILIER-DBCIDCA3230CGB1 Datasheet
99Kb / 1P
   IDC IDC CABLE SOCKET 1.27mm
DBCIDCA7A26BGA1 DUBILIER-DBCIDCA7A26BGA1_11 Datasheet
321Kb / 2P
   IDC IDC CABLE SOCKET 1.27mm
DBCIDCA7A26BGA1 DUBILIER-DBCIDCA7A26BGA1 Datasheet
115Kb / 1P
   IDC IDC CABLE SOCKET 1.27mm
logo
Harwin Plc
M50-3800542 HARWIN-M50-3800542 Datasheet
74Kb / 1P
   1.27mm DIL PC TAIL IDC RIBBON CABLE CONNECTOR
logo
Hirose Electric
CL570-0201-4 HIROSE-CL570-0201-4 Datasheet
419Kb / 7P
   0.5mm Pitch Connectors with Ground Plate for Board-to-Board Connections
CL573-0002-7 HIROSE-CL573-0002-7 Datasheet
545Kb / 8P
   0.5mm Pitch Connectors with Ground Plate for 2mm Board-to-Board Connections
FX11LA-80S-8-SV71 HIROSE-FX11LA-80S-8-SV71 Datasheet
690Kb / 20P
   0.5mm Pitch Connectors with Ground Plate for 2mm to 3mm Board-to-Board Connections
logo
Tyco Electronics
552076-1 MACOM-552076-1 Datasheet
61Kb / 1P
   CHAMP IDC Connectors Cable-to-Cable Accessories
logo
Harwin Plc
M50-3300542 HARWIN-M50-3300542 Datasheet
87Kb / 1P
   1.27mm DIL IDC RIBBON CABLE CONNECTOR
logo
Fujitsu Component Limit...
FCN-260H FUJITSU-FCN-260H Datasheet
344Kb / 7P
   FOR CONNECTING PC BOARD TO PC BOARD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com