Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAVSS0001SMB Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAAVSS0001SMB
Description  2.25 V Voltage Variable Absorptive Attenuator, 42 dB 1.8 - 2.5 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAVSS0001SMB Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAAVSS0001SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAVSS0001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAVSS0001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAVSS0001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAVSS0001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
5
2.25 V Voltage Variable Absorptive Attenuator, 42 dB
1.8 - 2.5 GHz
Rev. V3
MAAVSS0001
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Lead-Free SOT-25
† Reference Application Note M538 for lead-free solder reflow recommendations.


Similar Part No. - MAAVSS0001SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAVSS0001SMB MACOM-MAAVSS0001SMB Datasheet
234Kb / 4P
   2.25 V Voltage Variable Absorptive Attenuator, 42 dB 1.8 - 2.5 GHz
logo
M/A-COM Technology Solu...
MAAVSS0001SMB MA-COM-MAAVSS0001SMB Datasheet
702Kb / 6P
   2.25 V Voltage Variable Absorptive Attenuator, 42 dB
More results

Similar Description - MAAVSS0001SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAVSS0001 MACOM-MAAVSS0001 Datasheet
234Kb / 4P
   2.25 V Voltage Variable Absorptive Attenuator, 42 dB 1.8 - 2.5 GHz
logo
M/A-COM Technology Solu...
AT-119 MA-COM-AT-119 Datasheet
108Kb / 5P
   2.25 Volt Voltage Variable Absorptive Attenuator 42 dB, 1.8 - 2.5 GHz
MAAVSS0001 MA-COM-MAAVSS0001_15 Datasheet
702Kb / 6P
   2.25 V Voltage Variable Absorptive Attenuator, 42 dB
logo
Tyco Electronics
AT-119 MACOM-AT-119_1 Datasheet
226Kb / 4P
   2.25 Volt Variable Absorptive Attenuator, 42dB 1.8 - 2.5 GHz
logo
M/A-COM Technology Solu...
MAAVSS0001 MA-COM-MAAVSS0001 Datasheet
110Kb / 5P
   2.25 V Voltage Variable Absorptive Attenuator
logo
Tyco Electronics
AT-119 MACOM-AT-119 Datasheet
135Kb / 4P
   2.25 Volt Voltage Variable Absorptive Attenuator - 40 dB, 1.8.2.5 GHz
AT-110 MACOM-AT-110 Datasheet
112Kb / 3P
   Voltage Variable Absorptive Attenuator, 30 dB 0.5 - 2 GHz
logo
M/A-COM Technology Solu...
AT-109 MA-COM-AT-109 Datasheet
83Kb / 3P
   Voltage Variable Absorptive Attenuator 35 dB, 0.5 - 2.0 GHz
AT-250 MA-COM-AT-250 Datasheet
69Kb / 3P
   Voltage Variable Absorptive Attenuator 12 dB, DC - 2.0 GHz
logo
Tyco Electronics
AT-108 MACOM-AT-108 Datasheet
45Kb / 3P
   Voltage Variable Absorptive Attenuator 40 dB, 0.5-3.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com