Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAVSS0004TR-3000 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAVSS0004TR-3000
Description  Voltage Variable Absorptive Attenuator 35 dB, DC - 2.0 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAVSS0004TR-3000 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAVSS0004TR-3000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAVSS0004TR-3000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAVSS0004TR-3000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Voltage Variable Absorptive Attenuator
35 dB, DC - 2.0 GHz
Rev. V1
MAAVSS0004
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Features
• 35 dB Voltage Variable Attenuation at 1 GHz
• Single Voltage Control: 0 to -4 Volts
• Low DC Power Consumption
• Nanosecond Switching Speed
• Temperature Range: -40°C to +85°C
• Lead-Free SOIC-14 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of AT-635
• Tape and Reel Packaging Available
Description
M/A-COM’s MAAVSS0004 is a GaAs MMIC voltage
variable absorptive attenuator in a low cost SOIC
14-lead surface mount plastic package.
The
MAAVSS0004 is ideally suited for use where
attenuation fine tuning, fast switching and very low
power consumption are required.
Typical applications include radio, cellular, GPS
equipment and other automatic gain/level control
circuits.
The MAAVSS0004 is fabricated with a monolithic
GaAs MMIC using a mature 1-micron process. The
process features full chip passivation for increased
performance and reliability.
Functional Schematic
8
14
13
12
11
1
2
3
4
5
6
7
10
9
Ordering Information
1
Part Number
Package
MAAVSS0004
Bulk packaging
MAAVSS0004TR-3000
3000 piece reel
Pin Configuration
Pin No.
Function
Pin No.
Function
1
VC
8
RF2
2
Ground
9
Ground
3
Ground
10
Ground
4
Ground
11
Ground
5
Ground
12
Ground
6
Ground
13
Ground
7
Ground
14
RF1
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
Input Power
+21 dBm
Control Voltage
-8.5 V < VC < +5 V
Operating Temperature
-40°C to +85°C
Storing Temperature
-65°C to +150°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
1. Reference Application Note M513 for reel size information.


Similar Part No. - MAAVSS0004TR-3000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAVSS0004TR-3000 MACOM-MAAVSS0004TR-3000 Datasheet
88Kb / 3P
   Voltage Variable Absorptive Attenuator 35 dB, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAVSS0004TR-3000 MA-COM-MAAVSS0004TR-3000 Datasheet
548Kb / 4P
   Voltage Variable Absorptive Attenuator
More results

Similar Description - MAAVSS0004TR-3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT-635 MA-COM-AT-635 Datasheet
99Kb / 3P
   Voltage Variable Absorptive Attenuator 35 dB, DC - 2.0 GHz
logo
Tyco Electronics
MAAVSS0004 MACOM-MAAVSS0004 Datasheet
88Kb / 3P
   Voltage Variable Absorptive Attenuator 35 dB, DC - 2.0 GHz
AT-635 MACOM-AT-635_1 Datasheet
162Kb / 3P
   Voltage Variable Absorptive Attenuator 35 dB, DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT-109 MA-COM-AT-109 Datasheet
83Kb / 3P
   Voltage Variable Absorptive Attenuator 35 dB, 0.5 - 2.0 GHz
AT-250 MA-COM-AT-250 Datasheet
69Kb / 3P
   Voltage Variable Absorptive Attenuator 12 dB, DC - 2.0 GHz
logo
Tyco Electronics
AT-250 MACOM-AT-250_1 Datasheet
162Kb / 3P
   Voltage Variable Absorptive Attenuator 12 dB, DC-2.0 GHz
AT-259 MACOM-AT-259_1 Datasheet
169Kb / 3P
   Voltage Variable Absorptive Attenuator 12 dB, DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT-259 MA-COM-AT-259 Datasheet
71Kb / 3P
   Voltage Variable Absorptive Attenuator 12 dB, DC - 2.0 GHz
MAAV-007941 MA-COM-MAAV-007941 Datasheet
70Kb / 3P
   Voltage Variable Absorptive Attenuator 12 dB, DC - 2.0 GHz
logo
Tyco Electronics
MAAVSS0005 MACOM-MAAVSS0005 Datasheet
180Kb / 3P
   Voltage Variable Absorptive Attenuator DC - 2.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com