Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM-0018-H Datasheet(PDF) 1 Page - Reed Relays and Electronics

Part # UM-0018-H
Description  Ultra-miniature Reed Switch
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RRE [Reed Relays and Electronics]
Direct Link  http://www.reed-sensor.com
Logo RRE - Reed Relays and Electronics

UM-0018-H Datasheet(HTML) 1 Page - Reed Relays and Electronics

  UM-0018-H Datasheet HTML 1Page - Reed Relays and Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Reed Relays and Electronics India Limited
 info@reed-switch.com  Tel 91-44-6528-4022
UM-0018 Ultra-miniature Reed Switch
5.0 mm and 7.0 mm Glass, Form A, Center Contact
All dimensions in mm
These highly sensitive, form A reed switches are designed for low power, high speed switching applications,
where there is a size restriction. The 5 mm glass version is built for use in very compact applications, and
the 7 mm glass version is built for lower contact resistance, and can switch higher loads.
Formations Available for 5.0 mm
Formations Available for 7.0 mm
Cropped
SMD
Welded
Soldered
Goal-post
L-formed
Applications
This reed switch is suitable for use in the following applications and many others: dentists drills, reed
relays, pacemakers, shock sensors, automobile crash sensors, vane sensors, LEGO sensors, musical
greeting cards...
Electrical
Sub code
M
H
Glass Length
mm
5.0
7.0
Operate Range
AT
7 – 20
7 – 20
Release Range
AT
3 – 18
3 – 18
Contact Rating (max)
W/ VA
5.0
10.0
Switching Current (max)
A
0.35
0.5
Carry Current (max)
A
0.5
0.5
Switching Voltage (max)
VDC
100
100
Switching Voltage (max)
VAC
70
70
Breakdown Voltage
VDC
150
150
Initial Contact Resistance (max)
m
200
200
Insulation Resistance (min)

10 9
10 9
Capacitance (min)
pF
0.2
0.2
Miscellaneous
Operate Time (max)
ms
0.35
Bounce Time (max)
ms
0.3
Release Time (max)
ms
0.1
Resonance Frequency
Hz
>2000
Operating Frequency
Hz
500
Operating Temperature
°C
-40 to +120
Test Coil
717 102 003
Lead out plating
Sn (Pb free)
Shock Resistance
g
30
Vibration (10-2000Hz)
g
20
Ordering Code
UM-0018-(Sub Code)-(Start Operate AT)-
(Finish Operate AT)
Example UM-0018-M-15-18
Denotes 5 mm glass length, in 15-18 Operate
AT band.
Other Configurations Available
Dynamic contact resistance limit, Higher insulation
resistance, Special release limits, Gold plates leads
Please refer to our reed switch usage notes
Due to continual improvement, specifications are subject to change without notice
www.reed-sensor.com
27 August 2008


Similar Part No. - UM-0018-H

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
UM-1 MTRONPTI-UM-1 Datasheet
303Kb / 2P
   miniature resistance
logo
Fronter Electronics Co....
UM-1 FRONTER-UM-1 Datasheet
195Kb / 1P
   QUARTZ CRYSTAL RESONATOR
logo
MTRONPTI
UM-1 MTRONPTI-UM-1 Datasheet
294Kb / 3P
   Miniature resistance weld package
logo
TAITIEN ELECTRONICS CO....
UM-1 TAITIEN-UM-1 Datasheet
223Kb / 1P
   High stability, low temperature frequency coefficient
logo
Abracon Corporation
UM-1 ABRACON-UM-1 Datasheet
384Kb / 1P
   COMMUNICATION CRYSTALS ULTRA MINIATURE
More results

Similar Description - UM-0018-H

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MITI-7 LITTELFUSE-MITI-7 Datasheet
357Kb / 2P
   7mm Ultra-Miniature Reed Switch
logo
Reed Relays and Electro...
MO-1422-15-18 RRE-MO-1422-15-18 Datasheet
100Kb / 1P
   Miniature Reed Switch
MS-104-1 RRE-MS-104-1 Datasheet
105Kb / 2P
   Ultra-miniature Reed Sensor
MM-1018-L RRE-MM-1018-L Datasheet
103Kb / 1P
   Micro-miniature Reed Switch
RM-1318-L RRE-RM-1318-L Datasheet
109Kb / 1P
   Reduced-miniature Reed Switch
SM-1322-L RRE-SM-1322-L Datasheet
109Kb / 1P
   Sub-miniature Reed Switch
R5-J-1 RRE-R5-J-1 Datasheet
100Kb / 2P
   Ultra-Miniature SMD Reed Sensor
R5-S-1 RRE-R5-S-1 Datasheet
101Kb / 2P
   Ultra-Miniature SMD Reed Sensor
MC-1425-15-18 RRE-MC-1425-15-18 Datasheet
102Kb / 1P
   Miniature Close Differential Reed Switch
logo
Copal Electronics
FT_SERIES COPAL-FT_SERIES Datasheet
382Kb / 3P
   Ultra-Miniature Toggle Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com