Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAVSS0006TR-3000 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAVSS0006TR-3000
Description  3 Volt Voltage Variable Attenuator 25 dB, DC - 2.5 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAVSS0006TR-3000 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAVSS0006TR-3000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAVSS0006TR-3000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAVSS0006TR-3000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3 Volt Voltage Variable Attenuator
25 dB, DC - 2.5 GHz
Rev. V1
MAAVSS0006
2
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
India Tel: +91.80.43537383
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min
Typ
Max
Insertion Loss
5
DC - 2.0 GHz
dB
3.6
4.2
Attenuation
DC - 1.0 GHz
1.0 - 2.0 GHz
dB
dB
23
18
25
20
Flatness
(Peak-to-Peak)
0.5 - 1.0 GHz
1.0 - 2.0 GHz
dB
dB
+ 7
+ 5
+ 10
+ 8
VSWR
DC - 2.0 GHz
Ratio
3:1
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
10
Ton, Toff
50% Control to 90% RF, 50% Control to 10% RF
nS
20
Transients
In Band
mV
10
5. Insertion loss varies 0.003 dB/°C.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Lead-Free SOT-25
Reference Application Note M538 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.


Similar Part No. - MAAVSS0006TR-3000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAVSS0006TR-3000 MACOM-MAAVSS0006TR-3000 Datasheet
192Kb / 3P
   3 Volt Voltage Variable Attenuator 25 dB, DC-2.5 GHz
logo
M/A-COM Technology Solu...
MAAVSS0006TR-3000 MA-COM-MAAVSS0006TR-3000 Datasheet
634Kb / 4P
   3 Volt Voltage Variable Attenuator
More results

Similar Description - MAAVSS0006TR-3000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAVSS0006 MACOM-MAAVSS0006 Datasheet
192Kb / 3P
   3 Volt Voltage Variable Attenuator 25 dB, DC-2.5 GHz
logo
M/A-COM Technology Solu...
AT-255 MA-COM-AT-255 Datasheet
73Kb / 3P
   3 Volt Voltage Variable Attenuator 25 dB, DC - 2.5 GHz
logo
Tyco Electronics
AT-255 MACOM-AT-255_1 Datasheet
180Kb / 3P
   3 Volt Voltage Variable Attenuator 25 dB, DC-2.5 GHz
AT-255 MACOM-AT-255 Datasheet
32Kb / 2P
   3Volt Voltage Variable Attenuator 25 dB, DC - 2.5 GHz
logo
M/A-COM Technology Solu...
AT-119 MA-COM-AT-119 Datasheet
108Kb / 5P
   2.25 Volt Voltage Variable Absorptive Attenuator 42 dB, 1.8 - 2.5 GHz
AT-113 MA-COM-AT-113 Datasheet
80Kb / 4P
   3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz
logo
Tyco Electronics
AT-113 MACOM-AT-113 Datasheet
50Kb / 3P
   3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAV-008022 MA-COM-MAAV-008022 Datasheet
81Kb / 4P
   3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz
logo
Tyco Electronics
MAAV-008022 MACOM-MAAV-008022 Datasheet
93Kb / 4P
   3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5-2.0 GHz
logo
Alpha Industries
AV104-12 ALPHA-AV104-12 Datasheet
29Kb / 3P
   GaAs IC 25 dB Voltage Variable Attenuator Single Positive Control 0.5-2.5 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com