Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSBH0F70A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSBH0F70A
Description  Green Mode Fairchild Power Switch (FPS??
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBH0F70A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSBH0F70A Datasheet HTML 1Page - Fairchild Semiconductor FSBH0F70A Datasheet HTML 2Page - Fairchild Semiconductor FSBH0F70A Datasheet HTML 3Page - Fairchild Semiconductor FSBH0F70A Datasheet HTML 4Page - Fairchild Semiconductor FSBH0F70A Datasheet HTML 5Page - Fairchild Semiconductor FSBH0F70A Datasheet HTML 6Page - Fairchild Semiconductor FSBH0F70A Datasheet HTML 7Page - Fairchild Semiconductor FSBH0F70A Datasheet HTML 8Page - Fairchild Semiconductor FSBH0F70A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
September 2009
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSBH0F70A, FSBH0170/A, FSBH0270/A, FSBH0370 • Rev. 1.0.1
FSBH0F70A, FSBH0170/A, FSBH0270/A, FSBH0370
Green Mode Fairchild Power Switch (FPS™)
Features
Brownout Protection with Hysteresis
Built-In 5ms Soft-Start Function
Internal Avalanche-Rugged 700V SenseFET
No Acoustic Noise During Light-Load Operation
High-Voltage Startup
Linearly Decreasing PWM Frequency to 18KHz
Peak-Current-Mode Control
Cycle-by-Cycle Current Limiting
Leading-Edge Blanking (LEB)
Synchronized Slope Compensation
Internal Open-Loop Protection
VDD Under-Voltage Lockout (UVLO)
VDD Over-Voltage Protection (OVP)
Internal Auto-Restart Circuit (OVP, OTP)
Constant Power Limit (Full AC Input Range)
Internal OTP Sensor with Hysteresis
VIN Pin for Pull-HIGH Latch Function and Pull-
LOW Auto-Recovery Protection
Applications
General-purpose switch-mode power supplies and
flyback power converters, including:
Auxiliary Power Supply for PC and Server
SMPS for VCR, SVR, STB, DVD & DVCD Player,
Printer, Facsimile, and Scanner
Adapter for Camcorder
Description
The highly integrated FSBH-series consists of an
integrated current-mode Pulse Width Modulator (PWM)
and an avalanche-rugged 700V SenseFET. It is
specifically designed for high-performance offline
Switch Mode Power Supplies (SMPS) with minimal
external components.
The integrated PWM controller features include a
proprietary green-mode function that provides off-time
modulation to linearly decrease the switching frequency
at light-load conditions to minimize standby power
consumption. To avoid acoustic-noise problems, the
minimum PWM frequency is set above 18kHz. This
green-mode function enables the power supply to meet
international power conservation requirements. The
PWM controller is manufactured using the BiCMOS
process to further reduce power consumption. The
FSBH-series turns off some internal circuits to improve
power saving when VFB is lower than 1.6V, which allows
an operating current of only 2.5mA.
The FSBH-series has built-in synchronized slope
compensation to achieve stable peak-current-mode
control. The proprietary external line compensation
ensures constant output power limit over a wide AC
input voltage range, from 90VAC to 264VAC.
The FSBH-series provides many protection functions. In
addition to cycle-by-cycle current limiting, the internal
open-loop protection circuit ensures safety when an
open-loop or output short occurs. PWM output is
disabled until VDD drops below the VTH-OLP, then the
controller starts up again. As long as VDD exceeds 28V,
the internal OVP circuit is triggered.
Compared with a discrete MOSFET and controller or
RCC switching converter solution, the FSBH-series
reduces total component count, design size, and
weight; while increasing efficiency, productivity, and
system reliability. These devices provide a basic
platform that is well suited for the design of cost-
effective flyback converters, such as in PC auxiliary
power supplies.


Similar Part No. - FSBH0F70A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSBH0F70A FAIRCHILD-FSBH0F70A Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0F70A FAIRCHILD-FSBH0F70A Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0F70ANY FAIRCHILD-FSBH0F70ANY Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0F70ANY_F116 FAIRCHILD-FSBH0F70ANY_F116 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0F70A FAIRCHILD-FSBH0F70A_10 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
More results

Similar Description - FSBH0F70A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com