Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSL137HNY Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FSL137HNY
Description  Green Mode Fairchild Power Switch (FPS??
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSL137HNY Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FSL137HNY Datasheet HTML 2Page - Fairchild Semiconductor FSL137HNY Datasheet HTML 3Page - Fairchild Semiconductor FSL137HNY Datasheet HTML 4Page - Fairchild Semiconductor FSL137HNY Datasheet HTML 5Page - Fairchild Semiconductor FSL137HNY Datasheet HTML 6Page - Fairchild Semiconductor FSL137HNY Datasheet HTML 7Page - Fairchild Semiconductor FSL137HNY Datasheet HTML 8Page - Fairchild Semiconductor FSL137HNY Datasheet HTML 9Page - Fairchild Semiconductor FSL137HNY Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSL137H Rev. 1.0.0
6
Electrical Characteristics (Continued)
VDD=15V, TA=25°C unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIN Section
VIN-ON
PWM Turn-on Threshold Voltage
0.98
1.03
1.08
V
VIN-RL
Release Latch Voltage
0.65
0.70
0.75
V
VIN-H
Pull HIGH Latch Trigger Level
4.4
4.7
5.0
V
tIN-H
Pull HIGH Latch Debounce Time
100
µs
VIN-L
Pull LOW Auto Recovery Trigger Level
0.2
0.3
0.4
V
Feedback Input Section
AV
FB Voltage to Current-Sense Attenuation
1/4.0
V/V
ZFB
Input Impedance
9
kΩ
VFB-OPEN
Output High Voltage
5
V
VFB-OLP
FB Open-Loop Trigger Level
4.4
4.6
4.8
V
tD-OLP
Delay Time of FB Pin Open-loop
Protection
50
56
59
ms
VFB-N
Green-Mode Entry FB Voltage
2.3
2.5
2.7
V
VFB-G
Green-Mode Ending FB Voltage
VFB-N -
0.1
V
VFB-ZDC
Zero Duty Cycle FB Voltage
1.9
2.1
2.3
V
Figure 4. VFB vs. PWM Frequency
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Current-Sense Section
ILIM at VIN=1.2V
Peak Current Limit
VIN=1.2V
0.8
A
ILIM at VIN=3.6V
Peak Current Limit
VIN=3.6V
0.65
A
tSS
Period during Soft Startup Time
(9)
4.5
5.0
5.5
ms
Over-Temperature Protection Section (OTP)
TOTP
Protection Junction Temperature
(9, 11)
142
°C
Notes:
9.
These parameters, although guaranteed, are not 100% tested in production.
10. Pulse test: pulse width ≤ 300μs, duty ≤ 2%.
11. When activated, the output is disabled and the latch is turned off.
12. These parameters, although guaranteed, are tested in wafer process.
PWM Frequency
fOSC
fOSC-G
VFB-N
VFB-G
VFB-ZDC
VFB


Similar Part No. - FSL137HNY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSL137HNY FAIRCHILD-FSL137HNY Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results

Similar Description - FSL137HNY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com