Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SVL32 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # NC7SVL32
Description  TinyLogic짰 Low-ICCT Two-Input OR Gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SVL32 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button NC7SVL32 Datasheet HTML 2Page - Fairchild Semiconductor NC7SVL32 Datasheet HTML 3Page - Fairchild Semiconductor NC7SVL32 Datasheet HTML 4Page - Fairchild Semiconductor NC7SVL32 Datasheet HTML 5Page - Fairchild Semiconductor NC7SVL32 Datasheet HTML 6Page - Fairchild Semiconductor NC7SVL32 Datasheet HTML 7Page - Fairchild Semiconductor NC7SVL32 Datasheet HTML 8Page - Fairchild Semiconductor NC7SVL32 Datasheet HTML 9Page - Fairchild Semiconductor NC7SVL32 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7SVL32 • Rev. 1.0.3
6
AC Loadings and Waveforms
Figure 4. AC Test Circuit
Figure 5.
AC Waveforms
VCC
Symbol
3.3V ± 0.3V
2.5V ± 0.2V
1.8V ± 0.15V
1.5V ± 0.1V
1.2V ± 0.1V
0.9V
Vmi
1.5V
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
Vmo
1.5V
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2


Similar Part No. - NC7SVL32

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SVL32 ONSEMI-NC7SVL32 Datasheet
583Kb / 12P
   Low-ICCT Two-Input OR Gate
December 2010 Rev. 1.0.4
NC7SVL32FHX ONSEMI-NC7SVL32FHX Datasheet
583Kb / 12P
   Low-ICCT Two-Input OR Gate
December 2010 Rev. 1.0.4
NC7SVL32L6X ONSEMI-NC7SVL32L6X Datasheet
583Kb / 12P
   Low-ICCT Two-Input OR Gate
December 2010 Rev. 1.0.4
NC7SVL32P5X ONSEMI-NC7SVL32P5X Datasheet
583Kb / 12P
   Low-ICCT Two-Input OR Gate
December 2010 Rev. 1.0.4
More results

Similar Description - NC7SVL32

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SVL08 FAIRCHILD-NC7SVL08 Datasheet
628Kb / 9P
   TinyLogic짰 Low-ICCT Two-Input AND Gate
logo
ON Semiconductor
NC7SVL32 ONSEMI-NC7SVL32 Datasheet
583Kb / 12P
   Low-ICCT Two-Input OR Gate
December 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
NC7SZ32 FAIRCHILD-NC7SZ32_09 Datasheet
539Kb / 10P
   TinyLogic짰 UHS Two-Input OR Gate
NC7SZ86 FAIRCHILD-NC7SZ86_09 Datasheet
603Kb / 10P
   TinyLogic짰 UHS Two-Input Exclusive-OR Gate
logo
ON Semiconductor
NC7SVL08 ONSEMI-NC7SVL08 Datasheet
620Kb / 11P
   Low-ICCT Two-Input AND Gate
December 2010 Rev. 1.0.5
logo
Fairchild Semiconductor
NC7SVL04 FAIRCHILD-NC7SVL04 Datasheet
573Kb / 10P
   TinyLogic짰 Low-ICCT Inverter
NC7SVL04 FAIRCHILD-NC7SVL04_10 Datasheet
581Kb / 10P
   TinyLogic짰 Low-ICCT Inverter
NC7SZ08FHX FAIRCHILD-NC7SZ08FHX Datasheet
541Kb / 10P
   TinyLogic짰 UHS Two-Input AND Gate
NC7SZ08 FAIRCHILD-NC7SZ08_09 Datasheet
541Kb / 10P
   TinyLogic짰 UHS Two-Input AND Gate
NC7SZ00 FAIRCHILD-NC7SZ00_10 Datasheet
567Kb / 10P
   TinyLogic짰 UHS Two-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com