Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SVL04L6X Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NC7SVL04L6X
Description  TinyLogic짰 Low-ICCT Inverter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SVL04L6X Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NC7SVL04L6X Datasheet HTML 1Page - Fairchild Semiconductor NC7SVL04L6X Datasheet HTML 2Page - Fairchild Semiconductor NC7SVL04L6X Datasheet HTML 3Page - Fairchild Semiconductor NC7SVL04L6X Datasheet HTML 4Page - Fairchild Semiconductor NC7SVL04L6X Datasheet HTML 5Page - Fairchild Semiconductor NC7SVL04L6X Datasheet HTML 6Page - Fairchild Semiconductor NC7SVL04L6X Datasheet HTML 7Page - Fairchild Semiconductor NC7SVL04L6X Datasheet HTML 8Page - Fairchild Semiconductor NC7SVL04L6X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7SVL04 • Rev. 1.0.3
4
DC Electrical Characteristics
TA=25°C
TA=-40 to +85°C
Symbol
Parameter
VCC
Conditions
Min.
Max.
Min.
Max.
Units
0.90
.65 x VCC
.65 x VCC
1.10
≤ V
CC ≤ 1.30
.65 x VCC
.65 x VCC
1.40
≤ V
CC ≤ 1.60
.65 x VCC
.65 x VCC
1.65
≤ V
CC ≤ 1.95
0.90
.0.90
2.30
≤ V
CC ≤ 2.70
1.50
1.50
VIH
HIGH Level Input
Voltage
2.70
≤ V
CC ≤ 3.60
1.50
1.50
V
0.90
.25 x VCC
.25 x VCC
1.10
≤ V
CC ≤ 1.30
.25 x VCC
.25 x VCC
1.40
≤ V
CC ≤ 1.60
.25 x VCC
.25 x VCC
1.65
≤ V
CC ≤ 1.95
.25 x VCC
.25 x VCC
2.30
≤ V
CC ≤ 2.70
0.70
0.70
VIL
LOW Level Input
Voltage
2.70
≤ V
CC ≤ 3.60
0.80
0.80
V
0.90
VCC-0.10
VCC-0.10
1.10
≤ V
CC ≤ 1.30
VCC-0.10
VCC-0.10
1.40
≤ V
CC ≤ 1.60
VCC-0.20
VCC-0.20
1.65
≤ V
CC ≤ 1.95
VCC-0.20
VCC-0.20
2.30
≤ V
CC ≤ 2.70
VCC-0.20
VCC-0.20
2.70
≤ V
CC ≤ 3.60
IOH=-100µA
VCC-0.20
VCC-0.20
1.10
≤ V
CC ≤ 1.30
IOH=-2mA
.75 x VCC
.75 x VCC
1.40
≤ V
CC ≤ 1.60
IOH=-4mA
.75 x VCC
.75 x VCC
1.65
≤ V
CC ≤ 1.95
1.25
1.25
2.30
≤ V
CC ≤ 2.70
IOH=-6mA
2.00
2.00
2.30
≤ V
CC ≤ 2.70
1.80
1.80
2.70
≤ V
CC ≤ 3.60
IOH=-12mA
2.20
2.20
2.30
≤ V
CC ≤ 2.70
1.70
1.70
2.70
≤ V
CC ≤ 3.60
IOH=-18mA
2.40
2.40
VOH
HIGH Level Output
Voltage
2.70
≤ V
CC ≤ 3.60
IOH=-24mA
2.20
2.20
V
Continued on the following page…


Similar Part No. - NC7SVL04L6X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SVL04L6X ONSEMI-NC7SVL04L6X Datasheet
586Kb / 12P
   TinyLogic Low-ICCT Inverter
November 2010 Rev. 1.0.4
More results

Similar Description - NC7SVL04L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SVL04 FAIRCHILD-NC7SVL04_10 Datasheet
581Kb / 10P
   TinyLogic짰 Low-ICCT Inverter
NC7SVL32 FAIRCHILD-NC7SVL32 Datasheet
546Kb / 10P
   TinyLogic짰 Low-ICCT Two-Input OR Gate
NC7SVL08 FAIRCHILD-NC7SVL08 Datasheet
628Kb / 9P
   TinyLogic짰 Low-ICCT Two-Input AND Gate
logo
ON Semiconductor
NC7SVL04 ONSEMI-NC7SVL04 Datasheet
586Kb / 12P
   TinyLogic Low-ICCT Inverter
November 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
NC7SZ04 FAIRCHILD-NC7SZ04_11 Datasheet
644Kb / 10P
   TinyLogic짰 UHS Inverter
NC7SP04 FAIRCHILD-NC7SP04_10 Datasheet
655Kb / 9P
   NC7SP04 ??TinyLogic짰 ULP Inverter
NC7SV04 FAIRCHILD-NC7SV04_10 Datasheet
563Kb / 11P
   TinyLogic짰 ULP-A Inverter
NC7WZ04 FAIRCHILD-NC7WZ04_09 Datasheet
617Kb / 9P
   TinyLogic짰 UHS Dual Inverter
NC7SZU04 FAIRCHILD-NC7SZU04_09 Datasheet
621Kb / 10P
   TinyLogic짰 UHS Unbuffered Inverter
NC7SZ05 FAIRCHILD-NC7SZ05_09 Datasheet
600Kb / 10P
   TinyLogic짰 UHS Inverter, Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com