Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG1577A Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # SG1577A
Description  Dual Synchronous DC/DC Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG1577A Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button SG1577A Datasheet HTML 7Page - Fairchild Semiconductor SG1577A Datasheet HTML 8Page - Fairchild Semiconductor SG1577A Datasheet HTML 9Page - Fairchild Semiconductor SG1577A Datasheet HTML 10Page - Fairchild Semiconductor SG1577A Datasheet HTML 11Page - Fairchild Semiconductor SG1577A Datasheet HTML 12Page - Fairchild Semiconductor SG1577A Datasheet HTML 13Page - Fairchild Semiconductor SG1577A Datasheet HTML 14Page - Fairchild Semiconductor SG1577A Datasheet HTML 15Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SG1577A • Rev. 1.0.0
11
Functional Description
The SG1577A is a dual-channel voltage-mode PWM
controller. It has two sets of synchronous MOSFET
driving circuits. The two channels are running 180-
degrees out of phase. The following descriptions
highlight the advantages of the SG1577A design.
Soft Start
An internal start-up current (35/15µA) flows out of
SS/EN pin to charge an external capacitor. During the
startup sequence, SG1577A isn’t enabled until the
SS/ENB pin is higher than 1.2V. From 1.2V to (1.2 + 1.6
x DON / DON_MAX) V, the PWM duty cycle gradually
increases following the SS/ENB pin voltage to bring
output rising. After (1.2 + 1.6 x DON / DON_MAX) V, the
soft-start period ends and SS/ENB pin continually rises
to 4.8V. When input power is abnormal, the external
capacitor on the SS pin is shorted to ground and the
chip is disabled.
Over-Current Protection (OCP)
Over-current protection is implemented by sensing the
voltage drop across the drain and the source of external
high-side MOSFET. Over-current protection is triggered
when the voltage drop on external high-side MOSFET’s
RDS(ON) is greater than the programmable current limit
voltage threshold. 120µA flowing through an external
resistor between input voltage and the CLP pin sets the
threshold of current limit voltage. When over-current
condition is true, the system is protected against the
cycle-by-cycle current limit. A counter counts a series of
over-current peak values to eight cycles; the soft-start
capacitor is discharged by a 50µA current until the
voltage on SS pin reaches 1.2V. During the discharge
period, the high-side driver is turned off and the low-
side driver is turned on. Once the voltage on SS/ENB
pin is under 1.2V, the normal soft-start sequence is
initiated and the 35/15µA current charges the soft-start
capacitor again.
IL(OCP)= [(RSENSE x IOCSET + VOFFSET) / RDS(ON) -
(VIN - VOUT) x VOUT / (fOSC x LOUT x VIN x 2) ]
(2)
where VOFFSET ( ≒ 10mV) is the offset voltage
contributed by the internal OCP comparator.
Error Amplifier
The IN1 and IN2 pins are connected to the
corresponding internal error amplifier’s inverting input
and the outputs of the error amplifiers are connected to
the corresponding COMP1 and COMP2 pins. The
COMP1 and COMP2 pins are available for control-loop
compensation externally. Non-inverting inputs are
internally tied to a fixed 0.7V ± 1.5% reference voltage.
Oscillator Operation
The
SG1577A
has
a
frequency-programmable
oscillator. The oscillator is running at 61kHz when the
RT pin is floating. The oscillator frequency can be
adjusted from 61kHz up to 340kHz by an external
resistor RRT between RT pin and the ground. The
oscillator generates a sawtooth wave that has 90%
rising duty. Sawtooth wave voltage threshold is from
1.2V to 2.8V. The frequency of oscillator can be
programmed according to the following equation:
fOSC, RT(kHz) = 61kHz + 8522 / RRT(kΩ)
(3)
Output Driver
The
high-side
gate
drivers
need
an
external
bootstrapping circuit to provide the required boost
voltage. The highest gate driver’s output (15V is the
allowed) on high-side and low-side MOSFETs forces
external MOSFETs to have the lowest RDS(ON), which
results in higher efficiency.
Over-Temperature Protection (OTP)
The device is over-temperature protected. When chip
temperature is over 150
oC, the chip enters tri-state
(high-side driver is turned off). The hysteresis is 20
oC.
Type II Compensation Design
(for Output Capacitors with High ESR)
SG1577A is a voltage-mode controller; the control loop
is a single voltage feedback path, including an error
amplifier and PWM comparator, as shown in Figure 23.
To achieve fast transient response and accurate output
regulation, an adequate compensator design is
necessary. A stable control loop has a 0dB gain
crossing with -20dB/decade slope and a phase margin
greater than 45°.
Figure 23. Closed Loop
SS1
2
1
2
SS1
1
SS1
t
t
t
;
t
15µA
1.4V)
-
0.9
12
5
1.6
(1.2V
C
;
t
35uA
1.2V)
-
(1.4V
C
=
+
×
=
×
+
×
×
=
×
SS2
2
1
2
SS2
1
SS2
t
t
t
;
t
15µA
1.4V)
-
0.9
12
3.3
1.6
(1.2V
C
;
t
35µA
1.2V)
-
(1.4V
C
=
+
×
=
×
+
×
×
=
×
shift
-
time
3
4
4
SS2
SS2
3
SS1
t
t
-
t
;
t
35µA
0.3V)
-
(1.2V
C
15µA
0.3V
C
;
t
35µA
1.2V
C
=
=
×
+
×
×
=
×
(1)


Similar Part No. - SG1577A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG1577A FAIRCHILD-SG1577A Datasheet
622Kb / 6P
   SG1577A Layout Guidelines
SG1577A FAIRCHILD-SG1577A Datasheet
856Kb / 15P
   Dual Synchronous DC/DC Controller
SG1577ASY FAIRCHILD-SG1577ASY Datasheet
856Kb / 15P
   Dual Synchronous DC/DC Controller
SG1577A FAIRCHILD-SG1577A_10 Datasheet
856Kb / 15P
   Dual Synchronous DC/DC Controller
More results

Similar Description - SG1577A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG1577A FAIRCHILD-SG1577A_10 Datasheet
856Kb / 15P
   Dual Synchronous DC/DC Controller
SG1577 FAIRCHILD-SG1577_12 Datasheet
848Kb / 14P
   Dual Synchronous DC/DC Controller
FAN1577A FAIRCHILD-FAN1577A Datasheet
1Mb / 15P
   Dual Synchronous DC/DC Controller
SG1577 FAIRCHILD-SG1577 Datasheet
653Kb / 14P
   Dual Synchronous DC/DC Controller
SG1577 FAIRCHILD-SG1577_10 Datasheet
863Kb / 15P
   Dual Synchronous DC/DC Controller
logo
Rohm
BD9011EKN ROHM-BD9011EKN Datasheet
442Kb / 6P
   Dual Synchronous DC/DC converter controller
BD9011KV ROHM-BD9011KV Datasheet
448Kb / 6P
   Dual Synchronous DC/DC converter controller
BD9040FV ROHM-BD9040FV Datasheet
356Kb / 6P
   Dual Synchronous DC/DC converter controller
BD9045FV ROHM-BD9045FV Datasheet
379Kb / 6P
   Dual Synchronous DC/DC converter controller
logo
Semtech Corporation
SC1189 SEMTECH-SC1189_05 Datasheet
275Kb / 16P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com