Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP6657 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRP6657
Description  1.5A 1.3MHz Synchronous Step Down Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP6657 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRP6657 Datasheet HTML 3Page - Exar Corporation XRP6657 Datasheet HTML 4Page - Exar Corporation XRP6657 Datasheet HTML 5Page - Exar Corporation XRP6657 Datasheet HTML 6Page - Exar Corporation XRP6657 Datasheet HTML 7Page - Exar Corporation XRP6657 Datasheet HTML 8Page - Exar Corporation XRP6657 Datasheet HTML 9Page - Exar Corporation XRP6657 Datasheet HTML 10Page - Exar Corporation XRP6657 Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
X
XR
RP
P6
66
65
57
7
1
1..5
5A
A 1
1..3
3M
MH
Hz
z S
Sy
yn
ncch
hrro
on
no
ou
us
s S
Stte
ep
p D
Do
ow
wn
n C
Co
on
nv
ve
errtte
err
© 2009 Exar Corporation
7/11
Rev. 1.0.0
Fig. 16: Switching Frequency
vs Temperature
Fig. 17: Switching Frequency
vs Supply Voltage
Fig. 18: Start-Up from Shutdown
Fig. 19: Start-Up from Shutdown
Fig. 20: Load Step
Fig. 21: Load Step


Similar Part No. - XRP6657

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6657 EXAR-XRP6657 Datasheet
925Kb / 11P
   1.5A 1.3MHz Synchronous Step Down Converter
XRP6657EVB EXAR-XRP6657EVB Datasheet
925Kb / 11P
   1.5A 1.3MHz Synchronous Step Down Converter
XRP6657IHBTR-F EXAR-XRP6657IHBTR-F Datasheet
925Kb / 11P
   1.5A 1.3MHz Synchronous Step Down Converter
XRP6657 EXAR-XRP6657_12 Datasheet
925Kb / 11P
   1.5A 1.3MHz Synchronous Step Down Converter
More results

Similar Description - XRP6657

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6657 EXAR-XRP6657_12 Datasheet
925Kb / 11P
   1.5A 1.3MHz Synchronous Step Down Converter
logo
Monolithic Power System...
MP2227 MPS-MP2227 Datasheet
458Kb / 13P
   24V, 3A, 1.3MHz Synchronous Step-Down Converter
MP2205A MPS-MP2205A Datasheet
757Kb / 14P
   16V, 2.5A, 1.3MHz Synchronous Step-Down Converter
MP2207 MPS-MP2207 Datasheet
541Kb / 14P
   16V, 4A, 1.3MHz Synchronous Step-Down Converter
logo
Will Semiconductor Ltd.
WD1030 WILLSEMI-WD1030 Datasheet
938Kb / 9P
   High Efficiency 5V, 1.5A continuous, 1.3MHz Synchronous Step-Down Regulator
logo
List of Unclassifed Man...
APS2415 ETC-APS2415 Datasheet
545Kb / 8P
   1.2MHz, 1.5A Synchronous Step-Down Converter
V0.0
logo
SHOUDING Shouding Semic...
SD6410 SHOUDING-SD6410 Datasheet
1,016Kb / 7P
   1.4MHz, 1.5A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2125 MPS-MP2125 Datasheet
295Kb / 10P
   Dual 1.5A, 1.2MHz Synchronous Step-Down Converter
logo
Unisonic Technologies
UD05154 UTC-UD05154 Datasheet
246Kb / 5P
   1.5MHz, 1.5A, V SYNCHRONOUS STEP-DOWN CONVERTER
logo
AiT Semiconductor Inc.
A7122A AITSEMI-A7122A Datasheet
712Kb / 13P
   DC-DC CONVERTER BUCK (STEP-DOWN) 5.5V 2A 1.3MHz SYNCHRONOUS
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com