Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP7620IHTR-F Datasheet(PDF) 1 Page - Exar Corporation

Part # XRP7620IHTR-F
Description  4-Channel Adjustable Current I2C Controlled LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7620IHTR-F Datasheet(HTML) 1 Page - Exar Corporation

  XRP7620IHTR-F Datasheet HTML 1Page - Exar Corporation XRP7620IHTR-F Datasheet HTML 2Page - Exar Corporation XRP7620IHTR-F Datasheet HTML 3Page - Exar Corporation XRP7620IHTR-F Datasheet HTML 4Page - Exar Corporation XRP7620IHTR-F Datasheet HTML 5Page - Exar Corporation XRP7620IHTR-F Datasheet HTML 6Page - Exar Corporation XRP7620IHTR-F Datasheet HTML 7Page - Exar Corporation XRP7620IHTR-F Datasheet HTML 8Page - Exar Corporation XRP7620IHTR-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
X
XR
RP
P7
76
62
20
0
4
4--C
Ch
ha
an
nn
ne
ell A
Ad
djju
us
stta
ab
blle
e C
Cu
urrrre
en
ntt II2
2C
C C
Co
on
nttrro
olllle
ed
d L
LE
ED
D D
Drriiv
ve
err
June 2009
Rev. 1.0.0
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 – Fax. +1 510 668-7001
GENERAL DESCRIPTION
The XRP7620 is a multi purpose 4-channel
independently adjustable current sink driver.
Optimized
for
LED
backlighting
and
RGBW/RGBA color mixing applications, the
XRP7620 can also be used as a generic
software programmable current sink I/O
expander.
Supporting an industry standard 2-wire I2C
serial interface, the XRP7620 provides full
independent control of each channel and can
be programmed up to a current of 31.5mA in
steps of 0.5mA. Uniform display brightness is
ensured through better than 3% channel to
channel current matching.
Five internal registers are provided to set
operational
configuration
and
individual
channel current programmation. A specific
shutdown mode allows the device to retain the
previously loaded configuration – operational
and current programming – in order to be
reused upon the next enabling.
The XRP7620 is designed to operate from a
single cell lithium-ion battery or fixed 3.3V or
5.0V power rails and is available in a RoHS
compliant, “green”/halogen free space saving
8-pin 2mmx3mm DFN package.
APPLICATIONS
• LCD Display & Keypad Backlighting
• Color Coded Indicator Lighting
• RGBW/RGBA Color Mixing
• Cell Phones & Handheld Devices
• Generic Current Sink I/O Expander
FEATURES
• 4-Channel LED Current Sink Driver
• Individual Channel Current Control
− Up to 31.5mA per channel / 0.5mA Steps
− 100mV Channel Dropout Voltage
• I2C Serial Interface
• 2.7V - 5.5V Input Voltage Range
• 3% Channel Current Matching
• Register Retention in Shutdown
• Shutdown Current <1µA
• Thermal and UVLO Built-in Protection
• RoHS Compliant, “Green”/Halogen
Free 2x3mm 8-Pin DFN package
TYPICAL APPLICATION DIAGRAM
Fig. 1: XRP7620 Application Diagram


Similar Part No. - XRP7620IHTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7604 EXAR-XRP7604 Datasheet
455Kb / 13P
   1A 29V Non-Sync. Buck High Power LED Driver
XRP7613IDBTR-F EXAR-XRP7613IDBTR-F Datasheet
1Mb / 14P
   1.2A 36V Step Down High Brightness LED Driver
XRP7618 EXAR-XRP7618 Datasheet
557Kb / 10P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
XRP7618 EXAR-XRP7618 Datasheet
765Kb / 7P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
XRP7618EVB EXAR-XRP7618EVB Datasheet
557Kb / 10P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
More results

Similar Description - XRP7620IHTR-F

ManufacturerPart #DatasheetDescription
logo
SHOUDING Shouding Semic...
SD7136 SHOUDING-SD7136 Datasheet
1Mb / 6P
   Adjustable LED constant current driver
logo
Shenzhen Huazhimei Semi...
HM7136 HMSEMI-HM7136 Datasheet
582Kb / 9P
   Adjustable Constant Current LED Driver
logo
Infineon Technologies A...
TLE4241GM INFINEON-TLE4241GM Datasheet
217Kb / 15P
   LED Driver with Adjustable Current
Rev. 1.2, 2004-04-13
TLE4241GM INFINEON-TLE4241GM_07 Datasheet
261Kb / 15P
   LED Driver with Adjustable Current
Rev. 1.3, 2007-03-19
logo
Shenzhen Huazhimei Semi...
HM7203 HMSEMI-HM7203 Datasheet
1Mb / 7P
   LED constant current adjustable driver
logo
Maxim Integrated Produc...
DS4402 MAXIM-DS4402_09 Datasheet
163Kb / 9P
   Two/Four-Channel, I2C Adjustable Current DAC
Rev 3; 5/09
logo
Dallas Semiconductor
DS4402 DALLAS-DS4402 Datasheet
152Kb / 8P
   Two/Four-Channel, I2C Adjustable Current DAC
logo
Maxim Integrated Produc...
DS4402 MAXIM-DS4402 Datasheet
154Kb / 9P
   Two/Four-Channel, I2C Adjustable Current DAC
Rev 2; 10/08
logo
ON Semiconductor
NSI45020JZ ONSEMI-NSI45020JZ_13 Datasheet
177Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSI45020JZT1G ONSEMI-NSI45020JZT1G Datasheet
125Kb / 6P
   Adjustable Constant Current Regulator & LED Driver
June, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com