Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP7620EVB Datasheet(PDF) 2 Page - Exar Corporation

Part # XRP7620EVB
Description  4-Channel Adjustable Current I2C Controlled LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7620EVB Datasheet(HTML) 2 Page - Exar Corporation

  XRP7620EVB Datasheet HTML 1Page - Exar Corporation XRP7620EVB Datasheet HTML 2Page - Exar Corporation XRP7620EVB Datasheet HTML 3Page - Exar Corporation XRP7620EVB Datasheet HTML 4Page - Exar Corporation XRP7620EVB Datasheet HTML 5Page - Exar Corporation XRP7620EVB Datasheet HTML 6Page - Exar Corporation XRP7620EVB Datasheet HTML 7Page - Exar Corporation XRP7620EVB Datasheet HTML 8Page - Exar Corporation XRP7620EVB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
X
XR
RP
P7
76
62
20
0
4
4--C
Ch
ha
an
nn
ne
ell A
Ad
djju
us
stta
ab
blle
e C
Cu
urrrre
en
ntt II2
2C
C C
Co
on
nttrro
olllle
ed
d L
LE
ED
D D
Drriiv
ve
err
© 2009 Exar Corporation
2/11
Rev. 1.0.0
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of
the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect
reliability.
VIN, SDA, SCL, LEDx .................................. -0.3V to 6.0V
Storage Temperature .............................. -65°C to 150°C
Power Dissipation ................... Internally Limited (Note 1)
Lead Temperature (Soldering, 10 sec) ................... 300°C
ESD Rating (Human Body Model) ............................. 2kV
OPERATING RATINGS
Input Voltage Range VIN...............................2.7V to 5.5V
Junction Temperature Range ....................-40°C to 100°C
Thermal Resistance θJA ...................................... 59°C/W
ELECTRICAL SPECIFICATIONS
Specifications with standard type are for an Operating Junction Temperature of TJ = 25°C only; limits applying over the full
Operating Junction Temperature range are denoted by a “•”. Minimum and Maximum limits are guaranteed through test,
design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for
reference purposes only. Unless otherwise indicated, VIN = 2.7V to 4.6V, CIN = 1µF, TA= –40°C to 85°C, TJ = –40°C to
100°C.
Parameter
Min.
Typ.
Max.
Units
Conditions
Operating Input Voltage Range
2.7
5.5
V
Operating Input Current
DAC=000000
30
50
µA
ILEDX=0, VIN=4.2V
Operating Input Current
450
600
µA
ILED1=ILED2=ILED3=ILED4=10mA, VIN=4.2V
-0.3
0.3
mA
VLED = 0.2V to 2.7V
ILEDX ≤ 6mA
-5
5
%
LED Current accuracy
(includes Line Regulation)
-8
8
%
VLED = 0.2V to 2.7V
ILEDX > 6mA
LED Current Matching
-3
3
%
For same DAC setting
VLED = 0.2V to 2.7V, Note 2
Line Regulation
1
%/V
Measured as ΔIOUT /IOUT_AVG /ΔV
VLED = 0.2V to 2.7V, Note 3
Current DAC Resolution
6
Bit
Current for DAC=000000
2
µA
Applies to all LEDs
Current for DAC=000001
0.35
0.50
0.65
mA
Applies to all LEDs
Maximum LED Current
DAC=111111
30.50
31.75
33.00
mA
Applies to all LEDs
2
µs
For changes between any DAC code
000001 and higher. Current must change
within this time after the last bit of LED
data. VIN=2.7 to 5.5V
Maximum Current Change
Settling Time
60
150
µs
Applies to changes between DAC code
000000 and higher or change from 0 to 1
for STATUS bits B5-B2 (channel enable).
Current must change within this time
after the last bit of LED data. VIN=2.7 to
5.5V
Current Source Dropout Voltage
0.1
0.15
V
ILED=20mA;
The voltage where LED current decreases
3% from nominal value at VLED = 1V.
VIN=2.7 to 5.5V
Shutdown Supply Current
0.01
1
µA
VIN=4.2V
Shutdown Supply Current
5
µA
VIN=4.2V, TA=85°C
Thermal Shutdown Die
Temperature
125
150
175
°C
Regulator turns off


Similar Part No. - XRP7620EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7604 EXAR-XRP7604 Datasheet
455Kb / 13P
   1A 29V Non-Sync. Buck High Power LED Driver
XRP7613IDBTR-F EXAR-XRP7613IDBTR-F Datasheet
1Mb / 14P
   1.2A 36V Step Down High Brightness LED Driver
XRP7618 EXAR-XRP7618 Datasheet
557Kb / 10P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
XRP7618 EXAR-XRP7618 Datasheet
765Kb / 7P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
XRP7618EVB EXAR-XRP7618EVB Datasheet
557Kb / 10P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
More results

Similar Description - XRP7620EVB

ManufacturerPart #DatasheetDescription
logo
SHOUDING Shouding Semic...
SD7136 SHOUDING-SD7136 Datasheet
1Mb / 6P
   Adjustable LED constant current driver
logo
Shenzhen Huazhimei Semi...
HM7136 HMSEMI-HM7136 Datasheet
582Kb / 9P
   Adjustable Constant Current LED Driver
logo
Infineon Technologies A...
TLE4241GM INFINEON-TLE4241GM Datasheet
217Kb / 15P
   LED Driver with Adjustable Current
Rev. 1.2, 2004-04-13
TLE4241GM INFINEON-TLE4241GM_07 Datasheet
261Kb / 15P
   LED Driver with Adjustable Current
Rev. 1.3, 2007-03-19
logo
Shenzhen Huazhimei Semi...
HM7203 HMSEMI-HM7203 Datasheet
1Mb / 7P
   LED constant current adjustable driver
logo
Maxim Integrated Produc...
DS4402 MAXIM-DS4402_09 Datasheet
163Kb / 9P
   Two/Four-Channel, I2C Adjustable Current DAC
Rev 3; 5/09
logo
Dallas Semiconductor
DS4402 DALLAS-DS4402 Datasheet
152Kb / 8P
   Two/Four-Channel, I2C Adjustable Current DAC
logo
Maxim Integrated Produc...
DS4402 MAXIM-DS4402 Datasheet
154Kb / 9P
   Two/Four-Channel, I2C Adjustable Current DAC
Rev 2; 10/08
logo
ON Semiconductor
NSI45020JZ ONSEMI-NSI45020JZ_13 Datasheet
177Kb / 8P
   Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSI45020JZT1G ONSEMI-NSI45020JZT1G Datasheet
125Kb / 6P
   Adjustable Constant Current Regulator & LED Driver
June, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com