Electronic Components Datasheet Search |
|
XRS10L120 Datasheet(PDF) 10 Page - Exar Corporation |
|
XRS10L120 Datasheet(HTML) 10 Page - Exar Corporation |
10 / 36 page EXSTOR XRS10L120 10 SERIAL ATA II: PORT MULTIPLIER REV. 1.06 The XRS10L120 provides full support for the functionality outlined in the Serial ATA II Port Multiplier specification. A Serial ATA II Port Multiplier is a mechanism for one active host connection to communicate with multiple devices. A Port Multiplier is conceptually a simple multiplexer in which one active host connection is multiplexed to multiple device connections. The XRS10L120 uses four bits, known as the PM Port field in all Serial ATA frame types, to route frames between the selected host and the appropriate device. PM ports 0 through 1 are valid device ports within the 2- output XRS10L120, while PM port 15 is designated for communication between the host and the XRS10L120 itself. For host-to-device transactions, the PM Port field is designated by the host in order to specify which device the frame is intended for. For device-to-host transactions, the XRS10L120 fills in the PM Port field with the port address of the device that is transmitting the frame. The PM Port field is defined in the Serial ATA port multiplier specification to be the first 32-bit Dword in the Frame Information Structure (FIS) for all FIS types, as shown in Figure 8. 3.4.1 Transmission from a host to a device A host indicates the target device for receipt of a transmitted frame by setting the PM Port field in the frame to the device's port address. When an XRS10L120 receives a frame from the host, it checks the PM Port field in the frame to determine which port address should be used. If the frame is set for transmission to the control port (15), the XRS10L120 receives the frame and performs the command or operation requested. If the frame is designated for a device port, the XRS10L120 obeys the following procedure: 1. The XRS10L120 first determines if the device port is valid. If the device port is not valid, the XRS10L120 will issue a SYNC primitive to the host and terminate reception of the frame. 2. The XRS10L120 determines if the X bit is set in the device port's PSCR[1] (SError) register. If the X bit is set, the XRS10L120 issues a SYNC primitive to the host and terminates reception of the frame. 3. The XRS10L120 determines if a collision has occurred. A collision occurs when a reception is already in progress from the device that the host wants to transmit to. If a collision has occurred, the XRS10L120 will finish receiving the frame from the host and will then issue an R_ERR primitive to the host as the ending status. The XRS10L120 will then discard the frame, but will not return an R_RDY primitive to the host until the frame from the affected device port has been transmitted to the host, thus indicating to the host when it can retry to send the frame. The transmission from the device will proceed as requested, as the device will always take collision precedence over the host. 4. The XRS10L120 initiates a transfer with the device by issuing an X_RDY primitive to the device. A collision may occur as the XRS10L120 is issuing the X_RDY to the device if the device has started transmitting an X_RDY primitive to the XRS10L120, indicating a decision to start a transmission to the host. In this case, the XRS10L120 will finish receiving the frame from the host and then issue an R_ERR primitive to the host to indicate an unsuccessful transmission. The transmission from the device will proceed as requested, as the device will always take collision precedence over the host. 5. After the device issues an R_RDY primitive to the XRS10L120, the XRS10L120 will transmit the frame from the host to the device. The XRS10L120 will not send an R_OK status primitive to the host until the device has issued an R_OK primitive to indicate successful frame reception. In this way, the R_OK status handshake is interlocked from the device to the host. If an error is detected during any part of the frame transfer, the XRS10L120 will ensure that the error condition is propagated to the host and the device. If no error occurs during frame transfer, the XRS10L120 will not alter the contents of the frame, or modify the CRC in any way. FIGURE 8. PORT SELECTION SIGNAL - TRANSMITTED COMRESET SIGNALS FIS Type PM Port As defined in Serial ATA1.0 |
Similar Part No. - XRS10L120 |
|
Similar Description - XRS10L120 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |