Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRS10L120 Datasheet(PDF) 5 Page - Exar Corporation

Part # XRS10L120
Description  SERIAL ATA II: PORT MULTIPLIER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRS10L120 Datasheet(HTML) 5 Page - Exar Corporation

  XRS10L120 Datasheet HTML 1Page - Exar Corporation XRS10L120 Datasheet HTML 2Page - Exar Corporation XRS10L120 Datasheet HTML 3Page - Exar Corporation XRS10L120 Datasheet HTML 4Page - Exar Corporation XRS10L120 Datasheet HTML 5Page - Exar Corporation XRS10L120 Datasheet HTML 6Page - Exar Corporation XRS10L120 Datasheet HTML 7Page - Exar Corporation XRS10L120 Datasheet HTML 8Page - Exar Corporation XRS10L120 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
EXSTOR XRS10L120
5
REV. 1.06
SERIAL ATA II: PORT MULTIPLIER
DRACT[1:0]
48, 49
O
LVCMOS
Drive activity port for external LED. Active Low, 3.3V LVC-
MOS, open drain
TEST PINS
ANTEST
30
O
Analog
Analog test pin
CLKSTN/
CLKSTP
16, 17
O
CML
AC
Coupled
Output clock test pin
RESERVED PINS
NC
51
No Connect
SCANMODE
20
I
LVCMOS
For factory use only. connect to ground.
POWER AND GROUND SIGNALS
VDD
11, 13, 15,
19, 35, 44,
54, 61
I
1.2V supply.
VDDA
24, 29, 39, 56
I
1.2V Analog supply.
VSS
6, 8, 10, 12,
14, 18, 32,
38, 41, 47,
52, 53, 55,
58, 64
I
Ground.
VSSA
21, 27, 40, 57
I
Analog Ground.
TABLE 1: XRS10L120 PIN DESCRIPTIONS
Pin Name
Pin Number
64 QFN
I/O
Type
DESCRIPTION


Similar Part No. - XRS10L120

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRS10L120 EXAR-XRS10L120 Datasheet
603Kb / 52P
   SERIAL ATA II: 1:2 PORT MULTIPLIER
XRS10L120IV EXAR-XRS10L120IV Datasheet
603Kb / 52P
   SERIAL ATA II: 1:2 PORT MULTIPLIER
More results

Similar Description - XRS10L120

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRS10L140 EXAR-XRS10L140 Datasheet
426Kb / 36P
   SERIAL ATA II: PORT MULTIPLIER
XRS10L240 EXAR-XRS10L240 Datasheet
467Kb / 38P
   SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
XRS10L220 EXAR-XRS10L220 Datasheet
453Kb / 38P
   SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
XRS10L120 EXAR-XRS10L120 Datasheet
603Kb / 52P
   SERIAL ATA II: 1:2 PORT MULTIPLIER
XRS10L210 EXAR-XRS10L210 Datasheet
457Kb / 37P
   SERIAL ATA II: PORT SELECTOR
logo
Axiomtek Co., Ltd.
FSD AXIOMTEK-FSD_17 Datasheet
164Kb / 1P
   Serial ATA II standard interface; Serial ATA Standard III
logo
Silicon image
SII3132 SILICONIMAGE-SII3132 Datasheet
161Kb / 2P
   PCI Express to 2-Port Serial ATA II Host Controller
logo
Maxim Integrated Produc...
VSC7173 MAXIM-VSC7173 Datasheet
229Kb / 17P
   Enhanced 2:1 Port Selector and 1:2 Port Multiplier for Serial ATA and Serial Attached SCSI
Revision 4.1 May 23, 2005
logo
Adam Technologies, Inc.
SATA-A-PL-VT-K-X ADAM-TECH-SATA-A-PL-VT-K-X Datasheet
96Kb / 1P
   SERIAL ATA CONNECTOR
SATA-B-PL-SMT-K-BL ADAM-TECH-SATA-B-PL-SMT-K-BL Datasheet
102Kb / 1P
   SERIAL ATA CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com