Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRS10L240 Datasheet(PDF) 5 Page - Exar Corporation

Part # XRS10L240
Description  SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRS10L240 Datasheet(HTML) 5 Page - Exar Corporation

  XRS10L240 Datasheet HTML 1Page - Exar Corporation XRS10L240 Datasheet HTML 2Page - Exar Corporation XRS10L240 Datasheet HTML 3Page - Exar Corporation XRS10L240 Datasheet HTML 4Page - Exar Corporation XRS10L240 Datasheet HTML 5Page - Exar Corporation XRS10L240 Datasheet HTML 6Page - Exar Corporation XRS10L240 Datasheet HTML 7Page - Exar Corporation XRS10L240 Datasheet HTML 8Page - Exar Corporation XRS10L240 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
EXSTOR - 1 XRS10L240
5
REV. 1.05
SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
2.0
PIN DESCRIPTIONS
TABLE 1: XRS10L240 PIN DESCRIPTIONS
Pin Name
Pin Number
I/O
DESCRIPTION
DATA INTERFACE
SOTP0/SOTN0
68, 69
O
CML
AC
Coupled
Serial ATA Output Transmitters. These ports communicate
from the XRS10L240 to downstream devices
SOTP1/SOTN1
57, 56
SOTP2/SOTN2
8, 7
SOTP3/SOTN3
19, 20
SORP0/SORN0
65, 66
I
Serial ATA Input Receivers. These ports receive signals
from downstream devices
SORP1/SORN1
60, 59
SORP2/SORN2
11, 10
SORP3/SORN3
16, 17
SITP0/SITN0
93, 94
O
Serial ATA Output Transmitters. These ports communicate
from the XRS10L240 to upstream hosts.
SITP1/SITN1
82, 81
SIRP0/SIRN0
90, 91
I
Serial ATA Input Receivers. These ports receive signals
from upstream hosts.
SIRP1/SIRN1
85, 84
CLOCK INTERFACE
CMU_REFP/
CMU_REFN
46,
47
I
CML
AC
Coupled
Reference clock input
XOD
43
0
Analog
Crystal oscillator output
XOG
44
I
Analog
Crystal oscillator input, 1.26V max
MDIO INTERFACE SIGNALS
MDC
3
I
LVCMOS
MDIO clock input, +3.3V LVCMOS
MDIO
5
I/O
LVCMOS
MDIO data port, +3.3V LVCMOS. Open drain
JTAG Interface Signals
TCK
96
I
LVCMOS
JTAG test clock, +3.3V LVCMOS
TDI
100
I
JTAG test data in, +3.3V LVCMOS
TDO
99
O
JTAG test data out, +3.3V LVCMOS. Open drain. If used
to daisy chain JTAG devices, pull up externally using
3.3KOhm resistor.
TMS
97
I
JTAG mode select, +3.3V LVCMOS
TRST
1
I
JTAG test reset, +3.3V LVCMOS. Pull low externally using
3.3KOhm resistor for normal operation of the device.
GENERAL CONTROL AND CONFIGURATION SIGNALS (CMOS)
RBIAS
49
I
Analog
Connection point for calibration termination resistor.
RESETB
75
I
LVCMOS
Active low reset pin, +3.3V LVCMOS.


Similar Part No. - XRS10L240

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRS10L210 EXAR-XRS10L210 Datasheet
457Kb / 37P
   SERIAL ATA II: PORT SELECTOR
XRS10L210IL EXAR-XRS10L210IL Datasheet
457Kb / 37P
   SERIAL ATA II: PORT SELECTOR
XRS10L210IL-F EXAR-XRS10L210IL-F Datasheet
457Kb / 37P
   SERIAL ATA II: PORT SELECTOR
XRS10L210IV EXAR-XRS10L210IV Datasheet
457Kb / 37P
   SERIAL ATA II: PORT SELECTOR
XRS10L210IV-F EXAR-XRS10L210IV-F Datasheet
457Kb / 37P
   SERIAL ATA II: PORT SELECTOR
More results

Similar Description - XRS10L240

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRS10L220 EXAR-XRS10L220 Datasheet
453Kb / 38P
   SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
XRS10L140 EXAR-XRS10L140 Datasheet
426Kb / 36P
   SERIAL ATA II: PORT MULTIPLIER
XRS10L120 EXAR-XRS10L120_09 Datasheet
393Kb / 36P
   SERIAL ATA II: PORT MULTIPLIER
XRS10L210 EXAR-XRS10L210 Datasheet
457Kb / 37P
   SERIAL ATA II: PORT SELECTOR
XRS10L120 EXAR-XRS10L120 Datasheet
603Kb / 52P
   SERIAL ATA II: 1:2 PORT MULTIPLIER
logo
Maxim Integrated Produc...
VSC7173 MAXIM-VSC7173 Datasheet
229Kb / 17P
   Enhanced 2:1 Port Selector and 1:2 Port Multiplier for Serial ATA and Serial Attached SCSI
Revision 4.1 May 23, 2005
VSC7177 MAXIM-VSC7177 Datasheet
254Kb / 24P
   Enhanced 2:1 Port Selector for Serial ATA and Serial Attached SCSI
Revision 4.2 July 29, 2005
logo
Silicon image
SII3132 SILICONIMAGE-SII3132 Datasheet
161Kb / 2P
   PCI Express to 2-Port Serial ATA II Host Controller
logo
Axiomtek Co., Ltd.
FSD AXIOMTEK-FSD_17 Datasheet
164Kb / 1P
   Serial ATA II standard interface; Serial ATA Standard III
logo
Silicon image
SII3726 SILICONIMAGE-SII3726 Datasheet
356Kb / 41P
   SATA Port Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com