Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRS10L210IL-F Datasheet(PDF) 7 Page - Exar Corporation

Part # XRS10L210IL-F
Description  SERIAL ATA II: PORT SELECTOR
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRS10L210IL-F Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRS10L210IL-F Datasheet HTML 3Page - Exar Corporation XRS10L210IL-F Datasheet HTML 4Page - Exar Corporation XRS10L210IL-F Datasheet HTML 5Page - Exar Corporation XRS10L210IL-F Datasheet HTML 6Page - Exar Corporation XRS10L210IL-F Datasheet HTML 7Page - Exar Corporation XRS10L210IL-F Datasheet HTML 8Page - Exar Corporation XRS10L210IL-F Datasheet HTML 9Page - Exar Corporation XRS10L210IL-F Datasheet HTML 10Page - Exar Corporation XRS10L210IL-F Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
EXSTOR - 1 XRS10L210
7
REV. 1.04
SERIAL ATA II: PORT SELECTOR
VDD
9, 18, 23,
29, 38,
54, 58,
67, 79,
83, 92,
98
11, 13,
15, 19,
39, 49,
53, 62
I
1.2V supply.
VDDA
45, 50,
62, 87
24, 29,
34, 57
I
1.2V Analog supply.
VSS
4, 6, 12,
15, 21,
22, 26,
32, 53,
55, 61,
64, 70,
78, 80,
86, 89,
95
1, 9, 12,
14, 18,
32, 33,
36, 42,
48, 50,
56, 59
I
Ground.
VSSA
42, 48,
63, 88
21, 27,
35, 58
I
Analog Ground.
TABLE 1: XRS10L210 PIN DESCRIPTIONS
PIN NAME
LQFP
100 PIN
NUMBER
QFN 64
PIN
NUMBER
(NOTE 1)
I/O
TYPE
DESCRIPTION


Similar Part No. - XRS10L210IL-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRS10L220 EXAR-XRS10L220 Datasheet
453Kb / 38P
   SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
XRS10L220IV EXAR-XRS10L220IV Datasheet
453Kb / 38P
   SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
XRS10L220IV-F EXAR-XRS10L220IV-F Datasheet
453Kb / 38P
   SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
XRS10L240 EXAR-XRS10L240 Datasheet
467Kb / 38P
   SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
XRS10L240IV EXAR-XRS10L240IV Datasheet
467Kb / 38P
   SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
More results

Similar Description - XRS10L210IL-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRS10L240 EXAR-XRS10L240 Datasheet
467Kb / 38P
   SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
XRS10L220 EXAR-XRS10L220 Datasheet
453Kb / 38P
   SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
XRS10L140 EXAR-XRS10L140 Datasheet
426Kb / 36P
   SERIAL ATA II: PORT MULTIPLIER
XRS10L120 EXAR-XRS10L120_09 Datasheet
393Kb / 36P
   SERIAL ATA II: PORT MULTIPLIER
XRS10L120 EXAR-XRS10L120 Datasheet
603Kb / 52P
   SERIAL ATA II: 1:2 PORT MULTIPLIER
logo
Axiomtek Co., Ltd.
FSD AXIOMTEK-FSD_17 Datasheet
164Kb / 1P
   Serial ATA II standard interface; Serial ATA Standard III
logo
Maxim Integrated Produc...
VSC7177 MAXIM-VSC7177 Datasheet
254Kb / 24P
   Enhanced 2:1 Port Selector for Serial ATA and Serial Attached SCSI
Revision 4.2 July 29, 2005
logo
Silicon image
SII3132 SILICONIMAGE-SII3132 Datasheet
161Kb / 2P
   PCI Express to 2-Port Serial ATA II Host Controller
logo
Maxim Integrated Produc...
VSC7173 MAXIM-VSC7173 Datasheet
229Kb / 17P
   Enhanced 2:1 Port Selector and 1:2 Port Multiplier for Serial ATA and Serial Attached SCSI
Revision 4.1 May 23, 2005
logo
Adam Technologies, Inc.
SATA-A-PL-VT-K-X ADAM-TECH-SATA-A-PL-VT-K-X Datasheet
96Kb / 1P
   SERIAL ATA CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com