Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRS10L220IV Datasheet(PDF) 10 Page - Exar Corporation

Part # XRS10L220IV
Description  SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRS10L220IV Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRS10L220IV Datasheet HTML 6Page - Exar Corporation XRS10L220IV Datasheet HTML 7Page - Exar Corporation XRS10L220IV Datasheet HTML 8Page - Exar Corporation XRS10L220IV Datasheet HTML 9Page - Exar Corporation XRS10L220IV Datasheet HTML 10Page - Exar Corporation XRS10L220IV Datasheet HTML 11Page - Exar Corporation XRS10L220IV Datasheet HTML 12Page - Exar Corporation XRS10L220IV Datasheet HTML 13Page - Exar Corporation XRS10L220IV Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
EXSTOR - 1 XRS10L220
10
SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
REV. 1.02
The two host ports are responsible for coordination of access to the XRS10L220 by one of two separate
means: protocol-based port selection or sideband port selection. Each method is described in detail in the next
two sections.
3.4.1
Protocol Based Port Selection
Protocol-based port selection makes use of a sequence of Serial ATA OOB signals to select the active host
port. The port selection signal is based on a pattern of COMRESET OOB signals transmitted from the host to
the XRS10L220. The port selection signal is composed of a series of COMRESET signals with the timing from
one COMRESET signal to the next as shown in Table 3 and Figure 8. The XRS10L220 selects the port, if
inactive, on the de-assertion of COMRESET after receiving two complete back-to-back sequences with this
defined inter-burst spacing. This can also be identified as two sequences of two COMRESET intervals
comprising a total of five COMRESET bursts with four inter-burst delays. Once a port is designated as active,
reception of additional COMRESET signals is propagated directly to the device, even if the COMRESET
signals constitute a port selection signal.
Note that when protocol based selection mode has been enabled, following the initial hardware reset, a single
COMRESET burst will select the active host port. After this intial host port selection, only COMRESET OOB
observing the protocol timing given below will change the active host.
3.4.2
Sideband Based Port Selection
The XRS10L220 also features support for a sideband port selection mechanism. This is implemented via the
MDIO register settings. This is implemented using a combination of the MDIO register settings and device pins
including PS_SIDEBAND_B and PORTSEL. Refer to Table 2 for a sideband port selection settings.
3.5
Port Multiplier Implementation
The XRS10L220 provides full support for the functionality outlined in the Serial ATA II Port Multiplier
specification. This Port Multiplier functionality follows the Port Selector implementation, and only one link can
be active at any time.
A Serial ATA II Port Multiplier is a mechanism for one active host connection to communicate with multiple
devices. A Port Multiplier is conceptually a simple multiplexer in which one active host connection is
multiplexed to multiple device connections.
The XRS10L220 uses four bits, known as the PM Port field in all Serial ATA frame types, to route frames
between the selected host and the appropriate device. PM ports 0 through 1 are valid device ports within the 2-
TABLE 3: PORT SELECTOR SIGNAL INTER-RESET TIMING REQUIREMENTS
NOMINAL
MIN.
MAX
UNITS
COMMENTS
T1
2.0
1.6
2.4
ms
Inter-reset assertion delay for first
event of the selection sequence
T2
8.0
7.6
8.4
ms
Inter-reset assertion delay for second
event of the selection sequence
FIGURE 8. PORT SELECTION SIGNAL - TRANSMITTED COMRESET SIGNALS


Similar Part No. - XRS10L220IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRS10L210 EXAR-XRS10L210 Datasheet
457Kb / 37P
   SERIAL ATA II: PORT SELECTOR
XRS10L210IL EXAR-XRS10L210IL Datasheet
457Kb / 37P
   SERIAL ATA II: PORT SELECTOR
XRS10L210IL-F EXAR-XRS10L210IL-F Datasheet
457Kb / 37P
   SERIAL ATA II: PORT SELECTOR
XRS10L210IV EXAR-XRS10L210IV Datasheet
457Kb / 37P
   SERIAL ATA II: PORT SELECTOR
XRS10L210IV-F EXAR-XRS10L210IV-F Datasheet
457Kb / 37P
   SERIAL ATA II: PORT SELECTOR
More results

Similar Description - XRS10L220IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRS10L240 EXAR-XRS10L240 Datasheet
467Kb / 38P
   SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
XRS10L140 EXAR-XRS10L140 Datasheet
426Kb / 36P
   SERIAL ATA II: PORT MULTIPLIER
XRS10L120 EXAR-XRS10L120_09 Datasheet
393Kb / 36P
   SERIAL ATA II: PORT MULTIPLIER
XRS10L210 EXAR-XRS10L210 Datasheet
457Kb / 37P
   SERIAL ATA II: PORT SELECTOR
XRS10L120 EXAR-XRS10L120 Datasheet
603Kb / 52P
   SERIAL ATA II: 1:2 PORT MULTIPLIER
logo
Maxim Integrated Produc...
VSC7173 MAXIM-VSC7173 Datasheet
229Kb / 17P
   Enhanced 2:1 Port Selector and 1:2 Port Multiplier for Serial ATA and Serial Attached SCSI
Revision 4.1 May 23, 2005
VSC7177 MAXIM-VSC7177 Datasheet
254Kb / 24P
   Enhanced 2:1 Port Selector for Serial ATA and Serial Attached SCSI
Revision 4.2 July 29, 2005
logo
Silicon image
SII3132 SILICONIMAGE-SII3132 Datasheet
161Kb / 2P
   PCI Express to 2-Port Serial ATA II Host Controller
logo
Axiomtek Co., Ltd.
FSD AXIOMTEK-FSD_17 Datasheet
164Kb / 1P
   Serial ATA II standard interface; Serial ATA Standard III
logo
Silicon image
SII3726 SILICONIMAGE-SII3726 Datasheet
356Kb / 41P
   SATA Port Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com