Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRS10L220IV Datasheet(PDF) 9 Page - Exar Corporation

Part # XRS10L220IV
Description  SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRS10L220IV Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRS10L220IV Datasheet HTML 5Page - Exar Corporation XRS10L220IV Datasheet HTML 6Page - Exar Corporation XRS10L220IV Datasheet HTML 7Page - Exar Corporation XRS10L220IV Datasheet HTML 8Page - Exar Corporation XRS10L220IV Datasheet HTML 9Page - Exar Corporation XRS10L220IV Datasheet HTML 10Page - Exar Corporation XRS10L220IV Datasheet HTML 11Page - Exar Corporation XRS10L220IV Datasheet HTML 12Page - Exar Corporation XRS10L220IV Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
EXSTOR - 1 XRS10L220
9
REV. 1.02
SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
3.2
Power Down Modes
The XRS10L220 features independent support for the 3 power modes, as follows:
Active: All parts of the link are active. All power-down signals are de-asserted.
Partial: In partial mode, the input and output pipelines are shut down, but the PLL and the OOB generation
circuits are active.
Slumber: In slumber mode, the PLL is also shut down, saving additional power but adding latency on exit.
The XRS10L220 transceiver components (transmitter, receive CDR, PLL, etc.) can be powered down through
MDIO register settings. Please refer to Table 13, “Powerdown Registers (MDIO Devices 1, 2),” on page 27
Please refer to “XRS10L220/120 Errata Sheet” for details regarding Link Power Management.
3.3
Speed Negotiation
The XRS10L220 will automatically perform speed negotiation with the host and devices in order to verify
whether the second generation Serial ATA 3.0 Gbps data rate is available or whether the system will need to
fall back upon the first generation Serial ATA 1.5 Gbps data rate. Speed negotiation is performed on an
independent basis by each of the dual-channel macros. Speed negotiation is done independently on all host
and device ports by default. MDIO configuration can request a common negotiated speed on the host and
device ports if such a speed exists. To perform speed negotiation with a downstream device, the XRS10L220
will first perform a COMRESET/COMINIT handshake with the device and then performs a calibrate/
COMWAKE handshake. Following receipt of the device COMWAKE signal, the XRS10L220 will continually
send out a D10.2 signal while awaiting receipt of the device ALIGN primitive. Depending on the speed of the
ALIGN primitive, the XRS10L220 will be able to determine the PHY generation of the device, and provide the
appropriate 1.5 Gbps or 3.0 Gbps ALIGN primitive in return to the device, thus completing speed negotiation.
This process is outlined in Figure 7.
For speed negotiation with an upstream host, after the COMRESET/COMINIT and COMWAKE handshake is
complete, the XRS10L220 will initially send out an ALIGN primitive at the 2nd generation 3.0 Gbps data rate. If
no confirming 3.0 Gbps ALIGN primitive is received from the host, the XRS10L220 will then step down and
attempt negotiation at the lower 1.5 Gbps data rate.
3.4
Port selector Implementation
The XRS10L220 provides full support for the Serial ATA II Port Selector specification. A Serial ATA Port
Selector is a mechanism that allows two different host ports to connect to the same device in order to create a
redundant path to that device. Only one host connection to the device is active at a time.
FIGURE 7. SERIAL ATA SPEED NEGOTIATION


Similar Part No. - XRS10L220IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRS10L210 EXAR-XRS10L210 Datasheet
457Kb / 37P
   SERIAL ATA II: PORT SELECTOR
XRS10L210IL EXAR-XRS10L210IL Datasheet
457Kb / 37P
   SERIAL ATA II: PORT SELECTOR
XRS10L210IL-F EXAR-XRS10L210IL-F Datasheet
457Kb / 37P
   SERIAL ATA II: PORT SELECTOR
XRS10L210IV EXAR-XRS10L210IV Datasheet
457Kb / 37P
   SERIAL ATA II: PORT SELECTOR
XRS10L210IV-F EXAR-XRS10L210IV-F Datasheet
457Kb / 37P
   SERIAL ATA II: PORT SELECTOR
More results

Similar Description - XRS10L220IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRS10L240 EXAR-XRS10L240 Datasheet
467Kb / 38P
   SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
XRS10L140 EXAR-XRS10L140 Datasheet
426Kb / 36P
   SERIAL ATA II: PORT MULTIPLIER
XRS10L120 EXAR-XRS10L120_09 Datasheet
393Kb / 36P
   SERIAL ATA II: PORT MULTIPLIER
XRS10L210 EXAR-XRS10L210 Datasheet
457Kb / 37P
   SERIAL ATA II: PORT SELECTOR
XRS10L120 EXAR-XRS10L120 Datasheet
603Kb / 52P
   SERIAL ATA II: 1:2 PORT MULTIPLIER
logo
Maxim Integrated Produc...
VSC7173 MAXIM-VSC7173 Datasheet
229Kb / 17P
   Enhanced 2:1 Port Selector and 1:2 Port Multiplier for Serial ATA and Serial Attached SCSI
Revision 4.1 May 23, 2005
VSC7177 MAXIM-VSC7177 Datasheet
254Kb / 24P
   Enhanced 2:1 Port Selector for Serial ATA and Serial Attached SCSI
Revision 4.2 July 29, 2005
logo
Silicon image
SII3132 SILICONIMAGE-SII3132 Datasheet
161Kb / 2P
   PCI Express to 2-Port Serial ATA II Host Controller
logo
Axiomtek Co., Ltd.
FSD AXIOMTEK-FSD_17 Datasheet
164Kb / 1P
   Serial ATA II standard interface; Serial ATA Standard III
logo
Silicon image
SII3726 SILICONIMAGE-SII3726 Datasheet
356Kb / 41P
   SATA Port Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com