Electronic Components Datasheet Search |
|
XRS10L240IV Datasheet(PDF) 2 Page - Exar Corporation |
|
XRS10L240IV Datasheet(HTML) 2 Page - Exar Corporation |
2 / 38 page EXSTOR - 1 XRS10L240 2 SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR REV. 1.05 To summarize, the port multiplier functionality in the XRS10L240 allows the system designer to increase the number of serial ATA connections in an enclosure that does not have a sufficient number of serial ATA connections for all of the drives in the enclosure. The port selector functionality in the XRS10L240 allows replacement for expensive Fibre Channel drives with cost effective and high capacity SATA drives in enterprise class applications without compromising on redundancy or performance. STANDARDS COMPLIANCE The XRS10L240 is compliant with the following industry specifications: • Serial ATA, Revision 1.0a • Serial ATA II: Extensions to Serial ATA 1.0a, Revision 1.2 • Serial ATA II PHY Electrical Specifications, Revision 1.0 • Serial ATA II: Port Selector, Revision 1.0 • Serial ATA II: Port Multiplier, Revision 1.2 • Serial ATA II: Revision 2.6 APPLICATIONS • Serial ATA Enclosures • Other Serial ATA link replicator applications • Buffers for externally connected links • High density storage boxes • RAID Subsystems APPLICATION EXAMPLE The XRS10L240 is ideally suited for use within an external drive enclosure as a means of providing redundant host access to ensure system availability and reliability, while enabling access to up to four target devices per XRS10L240. This application is shown in Figure 1. Other applications for the XRS10L240 include use in fixed- content or network attached storage systems, storage arrays, desktop applications or entry-level servers, RAID storage or disk-to-disk backup. |
Similar Part No. - XRS10L240IV |
|
Similar Description - XRS10L240IV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |